Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE510CA Datasheet(PDF) 2 Page - StarHope

Part # P6KE510CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P6KE510CA Datasheet(HTML) 2 Page - StarHope

  P6KE510CA Datasheet HTML 1Page - StarHope P6KE510CA Datasheet HTML 2Page - StarHope P6KE510CA Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
◎ Plastic package
◎ Glass passivated chip junction in DO-15 Package
◎ 600W surge capability at 10/1000 µs wave form
◎ Excellent clamping capability
◎ Low zener impedance
◎ Typical IR less than 1µA above 10V
◎ High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs., (2.3kg) tension
◎ Pb-free plated
MECHANICAL DATA
Case: JEDEC DO-15 Molded Plastic
Terminal: Solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode except Bipolar
Mounting Position: Any
Weight: 0.015 ounce, 0.4 grams
SYMBOL
VALUE
UNITS
PPPM
Minimum
600
Watts
PM(AV)
5
Watts
IFSM
100
Amps
TJ , TSTG
-55 to
+ 175
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on Copper Pad area of 1.6×1.6" (40×40mm) per Fig. 5.
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 6.8 to 600 Volts
600 Watt Peak Power / 5.0 Watt Steady State
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types P6KE 6.8 thru types P6KE600 (e.g. P6KE6.8C , P6KE600CA)
Electrical characteristics apply in both directions
Steady State Power Dissipation at TL = 75℃ ,Lead
lengths.375",(9.5mm) (Note 2)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note 3)
Operating junction and Storage Temperature Range
◎ Fast response time: typically less than 1.0ps from 0 Volts to BV min.
Ratings at 25℃ ambient temperature unless otherwise specified.
MAXIMUM RATINGS AND CHARACTERISTICS
RATING
Peak Pulse Power Dissipation at TA = 25℃ , TP = 1ms (Note 1)
1.0 (25.4)
MIN.
0.140 (3.6)
0.104 (2.6)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
DO-204AC
(DO-15)
Dimensions in inches and(millimeters)
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.
P6KE(600W) Series
02 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - P6KE510CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P6KE510CA MDE-P6KE510CA Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
P6KE510CA LITTELFUSE-P6KE510CA Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
P6KE510CA MERITEK-P6KE510CA Datasheet
304Kb / 4P
   Transient Voltage Suppressors
logo
Yea Shin Technology Co....
P6KE510CA YEASHIN-P6KE510CA Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
P6KE510CA SEMITECH-P6KE510CA Datasheet
503Kb / 4P
   Glass passivated junction
More results

Similar Description - P6KE510CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
Central Semiconductor C...
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
P6SMB68CA CENTRAL-P6SMB68CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Leshan Radio Company
SA5.0 LRC-SA5.0 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com