Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ30CA Datasheet(PDF) 1 Page - StarHope

Part # SMDJ30CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMDJ30CA Datasheet(HTML) 1 Page - StarHope

  SMDJ30CA Datasheet HTML 1Page - StarHope SMDJ30CA Datasheet HTML 2Page - StarHope SMDJ30CA Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 170 Volts
3000 Watt Peak Pulse Power
UNI- POLAR BI-POLAR
UNI
BI
SMDJ5.0A SMDJ5.0CA RDE DDE
5.0
6.40
7.00
10
9.2
326.1
800
SMDJ6.0A SMDJ6.0CA RDG DDG
6.0
6.67
7.37
10
10.3
291.3
800
SMDJ6.5A SMDJ6.5CA RDK DDK
6.5
7.22
7.98
10
11.2
267.9
500
SMDJ7.0A SMDJ7.0CA PDM DDM
7.0
7.78
8.60
10
12.0
250.0
200
SMDJ7.5A SMDJ7.5CA PDP DDP
7.5
8.33
9.21
1
12.9
232.6
SMDJ8.0A SMDJ8.0CA PDR DDR
8.0
8.89
9.83
1
13.6
220.6
SMDJ8.5A SMDJ8.5CA PDT DDT
8.5
9.44
10.40
1
14.4
208.3
SMDJ9.0A SMDJ9.0CA PDV DDV
9.0
10.00
11.10
1
15.4
194.8
SMDJ10A
SMDJ10CA PDX DDX
10.0
11.10
12.30
1
17.0
176.5
5
SMDJ11A
SMDJ11CA PDZ DDZ
11.0
12.20
13.50
1
18.2
164.8
2
SMDJ12A
SMDJ12CA PEE DEE
12.0
13.30
14.70
1
19.9
150.8
2
SMDJ13A
SMDJ13CA PEG DEG
13.0
14.40
15.90
1
21.5
139.5
2
SMDJ14A
SMDJ14CA PEK DEK
14.0
15.60
17.20
1
23.2
129.3
2
SMDJ15A
SMDJ15CA PEM DEM
15.0
16.70
18.50
1
24.4
123.0
2
SMDJ16A
SMDJ16CA PEP DEP
16.0
17.80
19.70
1
26.0
115.4
2
SMDJ17A
SMDJ17CA PER DER
17.0
18.90
20.90
1
27.6
108.7
2
SMDJ18A
SMDJ18CA PET DET
18.0
20.00
22.10
1
29.2
102.7
2
SMDJ20A
SMDJ20CA PEV DEV
20.0
22.20
24.50
1
32.4
92.6
2
SMDJ22A
SMDJ22CA PEX DEX
22.0
24.40
26.90
1
35.5
84.5
2
SMDJ24A
SMDJ24CA PEZ DEZ
24.0
26.70
29.50
1
38.9
77.1
2
SMDJ26A
SMDJ26CA PFE DFE
26.0
28.90
31.90
1
42.1
71.3
2
SMDJ28A
SMDJ28CA PFG DFG
28.0
31.10
34.40
1
45.4
66.1
2
SMDJ30A
SMDJ30CA PFK DFK
30.0
33.30
36.80
1
48.4
62.0
2
SMDJ33A
SMDJ33CA PFM DFM
33.0
36.70
40.60
1
53.3
56.3
2
SMDJ36A
SMDJ36CA PFP DFP
36.0
40.00
44.20
1
58.1
51.6
2
SMDJ40A
SMDJ40CA PFR DFR
40.0
44.40
49.10
1
64.5
46.5
2
SMDJ43A
SMDJ43CA PFT DFT
43.0
47.80
52.80
1
69.4
43.2
2
SMDJ45A
SMDJ45CA PFV DFV
45.0
50.00
55.30
1
72.7
41.3
2
SMDJ48A
SMDJ48CA PFX DFX
48.0
53.30
58.90
1
77.4
38.8
2
SMDJ51A
SMDJ51CA PFZ DFZ
51.0
56.70
62.70
1
82.4
36.4
2
SMDJ54A
SMDJ54CA RGE DGE
54.0
60.00
66.30
1
87.1
34.4
2
SMDJ58A
SMDJ58CA PGG DGG
58.0
64.40
71.20
1
93.6
32.1
2
SMDJ60A
SMDJ60CA PGK DGK
60.0
66.70
73.70
1
96.8
31.0
2
SMDJ64A
SMDJ64CA PGM DGM
64.0
71.10
78.60
1
103.0
29.1
2
SMDJ70A
SMDJ70CA PGP DGP
70.0
77.80
86.00
1
113.0
26.5
2
SMDJ75A
SMDJ75CA PGR DGR
75.0
83.30
92.10
1
121.0
24.8
2
SMDJ78A
SMDJ78CA PGT DGT
78.0
86.70
95.80
1
126.0
23.8
2
SMDJ85A
SMDJ85CA PGV DGV
85.0
94.40
104.00
1
137.0
21.9
2
SMDJ90A
SMDJ90CA PGX DGX
90.0
100.00
111.00
1
146.0
20.5
2
SMDJ100A SMDJ100CA PGZ DGZ
100.0
111.00
123.00
1
162.0
18.5
2
SMDJ110A SMDJ110CA PHE DHE
110.0
122.00
135.00
1
177.0
16.9
2
SMDJ120A SMDJ120CA PHG DHG
120.0
133.00
147.00
1
193.0
15.5
2
SMDJ130A SMDJ130CA PHK DHK
130.0
144.00
159.00
1
209.0
14.4
2
SMDJ150A SMDJ150CA PHM DHM
150.0
167.00
185.00
1
243.0
12.3
2
SMDJ160A SMDJ160CA PHP DHP
160.0
178.00
197.00
1
259.0
11.6
2
SMDJ170A SMDJ170CA PHR DHR
170.0
189.00
209.00
1
275.0
10.9
2
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts with A , the VBR is ± 5%
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
REVERSE
LEAKAGE
@ VRWM
IR(µA)
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
SMDJ
PART NUMBER
DEVICE
MARKING
CODE
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
标注为常用型号
Stand for commonly used models
" * "
" * "
*
*
*
*
*
*
100
5
0
20
10
REV.2013.08.01
01 | www.spsemi.cn
SMDJ(3000W) Series
05
4


Similar Part No. - SMDJ30CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ30CA MDE-SMDJ30CA Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMDJ30CA TSC-SMDJ30CA Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMDJ30CA SOCAY-SMDJ30CA Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMDJ30CA LITTELFUSE-SMDJ30CA Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
logo
Anova Technologies CO.,...
SMDJ30CA ANOVA-SMDJ30CA Datasheet
267Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMDJ30CA

ManufacturerPart #DatasheetDescription
logo
StarHope
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
PMF SPSEMI-PMF Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com