Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ9.0CA Datasheet(PDF) 3 Page - StarHope

Part # SMDJ9.0CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMDJ9.0CA Datasheet(HTML) 3 Page - StarHope

  SMDJ9.0CA Datasheet HTML 1Page - StarHope SMDJ9.0CA Datasheet HTML 2Page - StarHope SMDJ9.0CA Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ratings and
Characteristic Curves(T
A=25℃ unless otherwise noted)
RATINGS AND CHARACTERISTIC CURVES
t - Time(ms)
3.
0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
I
PPM
TJ = 25°C
Pulse Width(td)is
defined
as the point where the
peak current decays to
50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value-
I
PPM
2
100
3.0
0
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
TA - Ambient Temperature (°C)
0.1
1
10
100
10ms
0.1µ
1.0µ
10µs
100µs
1.0ms
td - Pulse Width
Fig. 1 - Peak Pulse Power Rating
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
10
100
1000
10000
1
10
100
1000
5
10
100
1000
10000
Fig. 4 - Typical Junction Capacitance
VWM - Reverse Stand-Off Voltage (V)
Unidirectional
Bidirectional
f = 1MHz
Vsig = 50mVp-p
TJ = 25°C
VR = 0
500
VR = Rated
Stand-off Voltage
10
100
150
200
250
300
1
10
100
Fig.6 - Maximum Non-repetitive Forward
Surge current
Number of Cycles at 60 HZ
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.1
1
10
100
100
1000
0.00
1s
0.01
0.1
10
100
td - Pulse Duration (sec.)
Fig. 5 - Type Transient Thermal
Impedance
1
REV.2014.05.01
03 | www.spsemi.cn
SMDJ(3000W) Series


Similar Part No. - SMDJ9.0CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ9.0CA MDE-SMDJ9.0CA Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMDJ9.0CA ANOVA-SMDJ9.0CA Datasheet
267Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
AiT Semiconductor Inc.
SMDJ9.0CA AITSEMI-SMDJ9.0CA Datasheet
400Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER
REV1.0
logo
Littelfuse
SMDJ9.0CA LITTELFUSE-SMDJ9.0CA Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
SMDJ9.0CA LUGUANG-SMDJ9.0CA Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMDJ9.0CA

ManufacturerPart #DatasheetDescription
logo
StarHope
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
PMF SPSEMI-PMF Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com