Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2-80 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DP2-80
Description  High-performance Digital Pressure Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-80 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DP2-80 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 11Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 12Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 13Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 14Page - List of Unclassifed Manufacturers DP2-80 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Sensor mounting bracket
MS-DPX (optional)
M4 (length 6 mm 0.236 in)
pan head screw
(Accessory for MS-DPX)
Spring washer
(Accessory for MS-DPX)
DP2
802
PRECAUTIONS FOR PROPER USE
Setting of pressure lead direction
• The pressure lead direction can be changed by
dismantling the pressure port attachment and changing
the mounting direction. The tightening torque of the
hexagon-socket-head bolt (length: 9 mm 0.354 in or less)
should be 0.29 N m or less.
Note: Make sure to close any unused pressure port with the hexagon-
socket-head plug supplied as accessory.
Piping
• When connecting a hexagon-socket-head plug or coupling
to the pressure port, hold the hexagonal part of the
pressure port with a 12 mm 0.472 in spanner and make
sure that the tightening torque is 9.8 N m or less. Also, in
order to prevent any leakage, wind a sealing tape on the
coupling when connecting.
However, sealing tape is not required for North American
type (DP2- F ) using NPTF 1/8 coupling. (Sealing tape is
required if NPT 1/8 coupling is used.)
Standard type
Main body
Hexagon-socket-head bolts
Pressure port
attachment
Pressure
ports
Hexagon-socket-head plug
Mounting
• When mounting the sensor with the sensor mounting
bracket, etc., the tightening torque should be 1.2 N m or
less.
12 mm 0.472 in spanner
Setting of pressure lead direction
• The pressure lead direction can be changed by
dismantling the pressure port attachment and changing
the mounting direction. The tightening torque of the
hexagon-socket-head bolt (length: 9 mm 0.354 in or less)
should be 0.29 N m or less.
Piping
• When connecting a coupling to the pressure port, hold the
pressure port attachment with a 16 mm 0.630 in (light
weight type: 10 mm 0.394 in) spanner and make sure that
the tightening torque is 9.8 N m or less (light weight type:
1.47 N m or less). Also, in order to prevent any leakage,
wind a sealing tape on the coupling when connecting.
Flat type
Light weight type
Pressure port attachment
Hexagon-socket-head bolts
2-"4.3 mm "0.169 in
mounting holes
Pressure port
Main body
16 mm 0.63 in
(light weight type: 10 mm 0.394 in)
spanner


Similar Part No. - DP2-80

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP2-101-RL2-Z COPAL-DP2-101-RL2-Z Datasheet
715Kb / 5P
   Directing Switches
DP2-101B-RL2-Z COPAL-DP2-101B-RL2-Z Datasheet
715Kb / 5P
   Directing Switches
More results

Similar Description - DP2-80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6-13 ETC2-6-13 Datasheet
241Kb / 2P
   HIGH PERFORMANCE PRESSURE SENSOR
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
   Digital pressure sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
   Digital Pressure Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
   Digital Pressure Sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
   Digital Pressure Sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
   Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
   Digital pressure sensor
logo
TE Connectivity Ltd
MS5637 TEC-MS5637 Datasheet
129Kb / 4P
   Digital Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com