Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMF8.0A Datasheet(PDF) 1 Page - StarHope

Part # PMF8.0A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PMF8.0A Datasheet(HTML) 1 Page - StarHope

  PMF8.0A Datasheet HTML 1Page - StarHope PMF8.0A Datasheet HTML 2Page - StarHope PMF8.0A Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 190 Volts
200 Watt Peak Pulse Power
UNI
BI
PMF5.0A
PMF5.0CA AE
WE
5.0
6.40
7.00
10
9.2
21.70
400
PMF6.0A
PMF6.0CA AG
WG
6.0
6.67
7.37
10
10.3
19.40
400
PMF6.5A
PMF6.5CA AK
WK
6.5
7.22
7.98
10
11.2
17.90
250
PMF7.0A
PMF7.0CA AM
WM
7.0
7.78
8.60
10
12.0
16.70
100
PMF7.5A
PMF7.5CA AP
WP
7.5
8.33
9.21
1
12.9
15.50
50
PMF8.0A
PMF8.0CA AR
WR
8.0
8.89
9.83
1
13.6
14.70
25
PMF8.5A
PMF8.5CA
AT
WT
8.5
9.44
10.40
1
14.4
13.90
10
PMF9.0A
PMF9.0CA AV
WV
9.0
10.00
11.10
1
15.4
13.00
5
PMF10A
PMF10CA
AX
WX
10.0
11.10
12.30
1
17.0
11.80
2
PMF11A
PMF11CA
AZ
WZ
11.0
12.20
13.50
1
18.2
11.00
2
PMF12A
PMF12CA
BE
XE
12.0
13.30
14.70
1
19.9
10.10
2
PMF13A
PMF13CA
BG
XG
13.0
14.40
15.90
1
21.5
9.30
1
PMF14A
PMF14CA
BK
XK
14.0
15.60
17.20
1
23.2
8.62
1
PMF15A
PMF15CA
BM
XM
15.0
16.70
18.50
1
24.4
8.20
1
PMF16A
PMF16CA
BP
XP
16.0
17.80
19.70
1
26.0
7.69
1
PMF17A
PMF17CA
BR
XR
17.0
18.90
20.90
1
27.6
7.25
1
PMF18A
PMF18CA
BT
XT
18.0
20.00
22.10
1
29.2
6.85
1
PMF19A
PMF19CA
BU
XU
19.0
21.10
23.30
1
30.6
6.54
1
PMF20A
PMF20CA
BV
XV
20.0
22.22
24.50
1
32.4
6.17
1
PMF22A
PMF22CA
BX
XY
22.0
24.40
26.90
1
35.5
5.63
1
PMF24A
PMF24CA
BZ
XZ
24.0
26.70
29.50
1
38.9
5.14
1
PMF26A
PMF26CA
CE
YE
26.0
28.90
31.90
1
42.1
4.75
1
PMF28A
PMF28CA
CG
YG
28.0
31.10
34.40
1
45.4
4.41
1
PMF30A
PMF30CA
CK
YK
30.0
33.30
36.80
1
48.4
4.13
1
PMF33A
PMF33CA
CM
YM
33.0
36.70
40.60
1
53.3
3.75
1
PMF36A
PMF36CA
CP
YP
36.0
40.00
44.20
1
58.1
3.44
1
PMF40A
PMF40CA
CR
YR
40.0
44.40
49.10
1
64.5
3.10
1
PMF43A
PMF43CA
CT
YT
43.0
47.80
52.80
1
69.4
2.88
1
PMF45A
PMF45CA
CV
YV
45.0
50.00
55.30
1
72.7
2.75
1
PMF48A
PMF48CA
CX
YX
48.0
53.30
58.90
1
77.4
2.58
1
PMF51A
PMF51CA
CZ
YZ
51.0
56.70
62.70
1
82.4
2.43
1
PMF54A
PMF54CA
RE
ZE
54.0
60.00
66.30
1
87.1
2.30
1
PMF58A
PMF58CA
RG
ZG
58.0
64.40
71.20
1
93.6
2.14
1
PMF60A
PMF60CA
RK
ZK
60.0
66.70
73.70
1
96.8
2.07
1
PMF64A
PMF64CA
RM
ZM
64.0
71.10
78.60
1
103.0
1.94
1
PMF70A
PMF70CA
RP
ZP
70.0
77.80
86.00
1
113.0
1.77
1
PMF75A
PMF75CA
RR
ZR
75.0
83.30
92.10
1
121.0
1.65
1
PMF78A
PMF78CA
RT
ZT
78.0
86.70
95.80
1
126.0
1.59
1
PMF80A
PMF80CA
RU
ZU
80.0
88.80
97.60
1
129.0
1.55
1
PMF85A
PMF85CA
RV
ZV
85.0
94.40
104.00
1
137.0
1.46
1
PMF90A
PMF90CA
RX
ZX
90.0
100.00
111.00
1
146.0
1.37
1
PMF100A
PMF100CA RZ
ZZ
100.0
111.00
123.00
1
162.0
1.23
1
PMF110A
PMF110CA SE
VE
110.0
122.00
135.00
1
177.0
1.13
1
PMF120A
PMF120CA SG
VG
120.0
133.00
147.00
1
193.0
1.04
1
PMF130A
PMF130CA SK
VK
130.0
144.00
159.00
1
209.0
0.96
1
PMF140A
PMF140C
SL
VL
140.0
155.00
171.00
1
224.0
0.89
1
PMF150A
PMF150CA SM
VM
150.0
167.00
185.00
1
243.0
0.82
1
PMF160A
PMF160CA SP
VP
160.0
178.00
197.00
1
259.0
0.77
1
PMF170A
PMF170CA SR
VR
170.0
189.00
209.00
1
275.0
0.73
1
PMF180A
PMF180CA ST
VT
180.0
200.00
220.00
1
290.0
0.69
1
PMF190A
PMF190CA SU
VU
190.0
211.00
232.00
1
290.0
0.69
1
PMF
PART NUMBER
DEVICE
MARKING
CODE
BREAKDOW
N VOLTAGE
VBR(V)
MIN.@IT
REVERSE
LEAKAGE
@ VRWM
IR
(μA)
REVER
SESTAND
-OFF
VOLTAGE
VRWM(V)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURREN
T Ipp(A)
BREAKDOW
N VOLTAGE
VBR(V)
MAX.@IT
TEST
CURREN
T IT(mA)
UNI-POLAR BI-POLAR
*
*
A
*
*
*
*
REV.2014.05.01
01 | www.spsemi.cn
PMF(200W) Series
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts with A , the VBR is ± 5%
标注为常用型号
Stand for commonly used models
" * "
" * "
*


Similar Part No. - PMF8.0A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
PMF8.0A SUNMATE-PMF8.0A Datasheet
996Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - PMF8.0A

ManufacturerPart #DatasheetDescription
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
5KP SPSEMI-5KP Datasheet
677Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 250 Volts
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com