Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ8.0A Datasheet(PDF) 2 Page - StarHope

Part # SMBJ8.0A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMBJ8.0A Datasheet(HTML) 2 Page - StarHope

  SMBJ8.0A Datasheet HTML 1Page - StarHope SMBJ8.0A Datasheet HTML 2Page - StarHope SMBJ8.0A Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◎ For surface mounted applications in order to optimize
board space
◎ Low profile package
◎ Built-in strain relief
◎ Glass passivated junction
◎ Low inductance
◎ Excellent clamping capability
◎ Repetition Rate (duty cycle):0.01%
◎ Fast response time: typically less than 1.0ps from
0 Volts to V(BR) for unidirectional types
◎ Typical IR less than 1µA above 10V
Flammability 94V-O
◎ Pb-free plated
MECHANICAL DATA
Case: JEDEC DO-214AC. Molded plastic over glass passivated
junction
Terminal: Solderable per MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode) except Bidirectional
Standard Packaging: 12mm tape (EIA STD RS-481)
Weight: 0.002 ounce, 0.061 gram
SYMBOL VALUE
UNITS
PPPM
Minimu
m 400
Watts
IPPM
SEE
TABLE 1
Amps
IFSM
40
Amps
TJ , TSTG
-55 to +
150
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Operating junction and Storage Temperature Range
RATING
Peak Pulse Power Dissipation on 10/1000µs waveform (Note 1,2 ,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
For Bidirectional use C or CA Suffix for types SMAJ5.0 thru types SMAJ170 (e.g. SMAJ5.0C , SMAJ170CA)
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
FEATURES
◎ High Temperature solderting: 260°C/10 seconds
◎ Plastic package has Underwriters Laboratory
DEVICES FOR BIPOLAR APPLICATION
at terminals
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 440 Volts
400 Watt Peak Pulse Power
DO-214AC (SMA)
0.112 (2.85)
0.094 (2.40)
0.065 (1.65)
0.049 (1.25)
0.185(4.70)
0.157 (3.99)
Cathode Band
0.090 (
0.078 (
0.208 (5.28)
0.185 (4.70)
0.060 (1.52)
0.030 (0.76)
Dimensions in inches and(millimeters)
0.012 (0.305)
0.006 (0.152)
0.008 (0.203) MAX.
SMAJ(400W) Series
02 | www.spsemi.cn
REV.2014.05.01
2.29)
1.98)


Similar Part No. - SMBJ8.0A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ8.0A JGD-SMBJ8.0A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ8.0A SOCAY-SMBJ8.0A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMBJ8.0A LUGUANG-SMBJ8.0A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Bourns Electronic Solut...
SMBJ8.0A BOURNS-SMBJ8.0A Datasheet
360Kb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Microsemi Corporation
SMBJ8.0A MICROSEMI-SMBJ8.0A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results

Similar Description - SMBJ8.0A

ManufacturerPart #DatasheetDescription
logo
StarHope
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
PMF SPSEMI-PMF Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com