Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSD03FB Datasheet(PDF) 2 Page - StarHope

Part # TUSD03FB
Description  Low Capacitance TVS Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TUSD03FB Datasheet(HTML) 2 Page - StarHope

  TUSD03FB Datasheet HTML 1Page - StarHope TUSD03FB Datasheet HTML 2Page - StarHope TUSD03FB Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.)
(typ.)
4.0
6
1
1.2
TUSD08FB
BC
8.0
8.5
1
5.15
6.0
TUSD03FB
CC
3.0
0.6
1
9.80
18.3
8
1
13.40
18.5
8
0.6
Storage Temperature Range
TSTG
-55 ~ 150
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Lead Soldering Temperature
Operating Temperature Range
SYMBOL
VALUE
VC
IT
TL
260 (10 sec.)
DEVICE CHARACTERISTICS
VB
Watts
PARAMETER
PPP
350
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
IR
CT
PART NUMBER
DEVICE
MARKING
VRWM
15.9
10
20
0.6
TUSD05FB
AC
5.0
5
1
19.00
28.6
2
LC12CI
DC
12.0
13.3
6
1
0.6
TUSD15FB
TUSD24FB
EC
15.0
31.8
1
19.00
28.6
5
1
TUSD12FB
DC
12.0
13.3
1
24.00
16.7
0.6
HC
24.0
26.7
1
43.00
56.0
3
1
0.6
ESD/TUSD** Series
02 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - TUSD03FB

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD03FBX SPSEMI-TUSD03FBX Datasheet
652Kb / 3P
   Low Capacitance TVS Diode Array
More results

Similar Description - TUSD03FB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com