Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWP15040-10 Datasheet(PDF) 3 Page - RFHIC

Part # RWP15040-10
Description  Wideband Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RWP15040-10 Datasheet(HTML) 3 Page - RFHIC

  RWP15040-10 Datasheet HTML 1Page - RFHIC RWP15040-10 Datasheet HTML 2Page - RFHIC RWP15040-10 Datasheet HTML 3Page - RFHIC RWP15040-10 Datasheet HTML 4Page - RFHIC RWP15040-10 Datasheet HTML 5Page - RFHIC RWP15040-10 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wideband Power Amplifier
RWP15040-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 6
Version 1.2
Typical Performance @ 25°C
Frequency
Pout
@Pin 9dBm
Gp
@Pin 9dBm
Current
@Pin 9dBm
PAE
@ Pin 9dBm
Harmonic
@ Pin 9dBm
2
nd Harm
3
rd Harm
(MHz)
(dBm)
(dB)
(A)
(%)
(dBc)
(dBm)
500
46.37
37.37
3.23
41.94
-10.73
-12.16
600
47.07
38.07
3.83
41.56
-13.93
-13.08
700
47.5
38.50
4.05
43.39
-18.73
-11.6
800
47.67
38.67
4.26
42.90
-24.34
-10.63
900
47.44
38.44
4.89
35.44
-15.55
-21.66
1000
47.62
38.62
4.41
40.96
-19.16
-42.78
1100
47.37
38.37
3.97
42.96
-22.48
-27.73
1200
47.32
38.32
3.88
43.45
-21.62
-22.72
1300
47.11
38.11
3.65
44.01
-21.63
-25.08
1400
46.84
37.84
3.92
38.51
-30.6
-15.74
1500
47.29
38.29
4.38
38.23
-45.08
-16.96
1600
48.09
39.09
4.76
42.29
-35.66
-30.12
1700
48.6
39.60
4.93
45.92
-31.25
-41.74
1800
48.62
39.62
4.66
48.80
-24.4
-49.32
1900
48.42
39.42
4.48
48.48
-20.48
-78.16
2000
48.06
39.06
4.09
48.88
-21.99
-79.11
2100
47.25
38.25
3.68
45.08
-17.6
-50.81
2200
47.38
38.38
3.57
47.88
-19.64
-47.38
2300
47.51
38.51
3.67
47.99
-23.02
-45.03
2400
47.74
38.74
3.69
50.33
-32.22
-56.89
2500
46.37
37.37
2.86
47.37
-32.46
-56.75


Similar Part No. - RWP15040-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15040-10 RFHIC-RWP15040-10_17 Datasheet
983Kb / 6P
   Wideband Power Amplifier
More results

Similar Description - RWP15040-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
RWP06040-G1 RFHIC-RWP06040-G1 Datasheet
363Kb / 5P
   Wideband Power Amplifier
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
   Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10 Datasheet
444Kb / 6P
   Wideband Power Amplifier
RWP15100-R0 RFHIC-RWP15100-R0 Datasheet
1Mb / 9P
   Wideband Power Amplifier
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
   Wideband Power Amplifier
logo
RFHIC
RUM43020-10 RFHIC-RUM43020-10 Datasheet
208Kb / 7P
   Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com