Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6MBI25S-120 Datasheet(PDF) 3 Page - Fuji Electric

Part No. 6MBI25S-120
Description  IGBT(1200V/25A)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

6MBI25S-120 Datasheet(HTML) 3 Page - Fuji Electric

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6MBI25S-120
IGBT Modules
Vcc=600V,VGE=±15V, Rg=51
Ω,Tj=125oC
Vcc=600V,VGE=±15V, Rg=51
Ω,Tj=25oC
0
1020
3040
50
100
500
1000
ton
tr
toff
tf
Switching time vs. Collector current (typ.)
Collector current : Ic [ A ]
0
1020
3040
50
100
500
1000
tf
tr
ton
toff
Switching time vs. Collector current (typ.)
Collector current : Ic [ A ]
10
50
100
500
50
100
500
1000
5000
toff
ton
tr
tf
Switching time vs. Gate resistance (typ.)
Gate resistance : Rg [
]
0
10
20304050
0
1
2
3
4
5
6
7
Err(25
oC)
Eoff(25
oC)
Eon(25
o
C)
Err(125
oC)
Eoff(125
oC)
Eon(125
oC)
Switching loss vs. Collector current (typ.)
Collector current : Ic [ A ]
10
50
100
500
0
5
10
15
20
Switching loss vs. Gate resistance (typ.)
Gate resistance : Rg [
]
Eon
Err
Eoff
0
200
400
600
800
1000
1200
1400
0
10
20
30
40
50
60
Reverse bias safe operating area
Collector - Emitter voltage : VCE [ V ]
Vcc=600V,VGE=±15V, Rg=51
Vcc=600V,Ic=25A,VGE=±15V, Tj=25
oC
=
+VGE=15V, -VGE<15V, Rg>51
Ω,Tj<125oC
=
=
Vcc=600V,Ic=25A,VGE=±15V,Tj=125
oC


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn