Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTH26007-10 Datasheet(PDF) 1 Page - RFHIC

Part # RTH26007-10
Description  GaN Doherty Hybrid Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTH26007-10 Datasheet(HTML) 1 Page - RFHIC

  RTH26007-10 Datasheet HTML 1Page - RFHIC RTH26007-10 Datasheet HTML 2Page - RFHIC RTH26007-10 Datasheet HTML 3Page - RFHIC RTH26007-10 Datasheet HTML 4Page - RFHIC RTH26007-10 Datasheet HTML 5Page - RFHIC RTH26007-10 Datasheet HTML 6Page - RFHIC RTH26007-10 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaN Doherty Hybrid Amplifier
RTH26007-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 7
Version 1.2
Product Features
Applications
• GaN on SiC Chip on Board
• Surface Mount Hybrid Type
• Asymmetric Doherty Amplifier
• High Efficiency
• No Matching circuit needed
• RF Sub-Systems
• Base Station
• RRH
• 4G/ LTE system
• Small cell
Description
Accommodating the future of 4G/LTE small cells, RFHIC introduces RTH26007-10 amplifier fabricated using an advanced high
power density Gallium Nitride (GaN) semiconductor process. This high performance amplifier achieves high efficiency of 45%, and
powers 7W over the frequency range from 2610MHz to 2690MHz. Integrated with Asymmetrical Doherty configurations, RTH Series
is packaged in a very small form-factor 28 x 19 x 4.8mm on AIN (aluminum nitride) board which provides excellent thermal
dissipation.
Electrical Specifications @ Vds =31V, Ta=25℃
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Frequency Range
MHz
2610
-
2690
ZS = ZL = 50 ohm
Power Gain
dB
11
13
-
Carrier Idq = 120mA
Vgp = -4.8V
Gain Flatness
-3.0
-
3.0
Input Return Loss
-
-9
-6
Pout @ Average
dBm
-
38.5
-
Pout @ Psat
dBm
46
47
-
Pulse Width=20us, Duty10%
ACLR @ BW 10MHz
LTE (PAPR 7.5dB)
dBc
-
-27
-24
Non DPD
-
-53
-
With DPD
Drain Efficiency
%
40
45
-
Carrier Idq
mA
-
120
-
Total Ids
-
500
-
Supply Voltage
V
-
-3.5
-2.0
Vgc
-
-5.0
-4.0
Vgp
30.5
31
31.5
Vds
Caution
The drain voltage must be supplied to the device after the gate voltage is supplied
Turn on : Turn on the Gate voltage supply and last turn on the Drain voltage supplies
Turn off : Turn off the Drain voltage and last turn off the Gate voltage
Note
1. ACLR Measured Pout=38.5dBm @ fc± 10MHz / 9.015MHz
LTE 10MHz 1FA PAPR=7.5dB @ 0.01% probability on CCDF, (DPD Engine: Optichron OP6180)
2. RTH Series have internal DC blocking capacitors at the RF input and output ports
Mechanical Specifications
PARAMETER
UNIT
TYP
REMARK
Mass
g
5
-
Dimension
28 x 19 x 4.8
-
Package Type : NP-8CL


Similar Part No. - RTH26007-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTH26008R RFHIC-RTH26008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH26008S-30 RFHIC-RTH26008S-30 Datasheet
806Kb / 8P
   GaN Doherty Hybrid Amplifier
More results

Similar Description - RTH26007-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RPAM35008-25 RFHIC-RPAM35008-25 Datasheet
456Kb / 5P
   GaN Doherty Hybrid Amplifier
RTH36004N-24 RFHIC-RTH36004N-24 Datasheet
1Mb / 9P
   GaN Doherty Hybrid Amplifier
RTH35003-20D RFHIC-RTH35003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH07003-20D RFHIC-RTH07003-20D Datasheet
581Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18007-10 RFHIC-RTH18007-10 Datasheet
330Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH23007-10 RFHIC-RTH23007-10 Datasheet
295Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH36016M-23 RFHIC-RTH36016M-23 Datasheet
730Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH08003-20D RFHIC-RTH08003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18008R RFHIC-RTH18008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH18008S-30 RFHIC-RTH18008S-30 Datasheet
787Kb / 8P
   GaN Doherty Hybrid Amplifier
RTH19008R RFHIC-RTH19008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com