Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3101E-11 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3101E-11
Description  433.92 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3101E-11 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3101E-11 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3101E-11 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
©2009 by RF Monolithics, Inc.
RO3101E-11 - 3/24/09
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2,3,4,5
433.845
434.995
MHz
Tolerance from 433.920 MHz
∆fC
±75
kHz
Insertion Loss
IL
2,5,6
1.4
2.2
dB
Quality Factor
Unloaded Q
QU
5,6,7
8280
50
Ω Loaded Q
QL
1228
Temperature Stability
Turnover Temperature
TO
6,7,8
10
25
35
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
17.5
Motional Inductance
LM
53.5
µH
Motional Capacitance
CM
2.5
fF
Shunt Static Capacitance
CO
5, 6, 9
2.5
pF
Test Fixture Shunt Inductance
LTEST
2, 7
53.2
nH
Lid Symbolization (in addition to Lot and/or Date Codes)
894 // YWWS
Standard Reel Quantity
Reel Size 13 Inch
10
4000 Pieces/Reel
• Ideal for European 433.92 MHz Transmitters
• Very Low Series Resistance
• Quartz Stability
• Complies with Directive 2002/95/EC (RoHS)
The RO3101E-11 is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic
case. It provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 433.92 MHz. This SAW is designed specifically for remote-control and wireless security
transmitters operating in Europe under ETSI I-ETS 300 220-1.
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
0
dBm
DC voltage
12
VDC
Storage Temperature Range
-40 to +125
°C
Operating Temperature Range
-40 to +105
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
433.92 MHz
SAW
Resonator
RO3101E-11
1.
Frequency aging is the change in fC with time and is specified at +65°C or
less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture,
decreasing in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is approximately equal to the
resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and
government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically oscillator T
O is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between the two terminals
measured at low frequency (10 MHz) with a capacitance meter. The
measurement includes parasitic capacitance with "NC” pads unconnected.
Case parasitic capacitance is approximately 0.05 pF. Transducer parallel
capacitance can by calculated as: CP ≈ CO -0.05pF.
10.
Tape and Reel Standard Per ANSI / EIA 481.
SM3030-6 Case
3.0 X 3.0
Pb


Similar Part No. - RO3101E-11

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3101E-1 MURATA-RO3101E-1 Datasheet
228Kb / 2P
   Designed for European 433.92 MHz Remote Control and Security Transmitters
More results

Similar Description - RO3101E-11

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2101E-2 RFM-RO2101E-2 Datasheet
100Kb / 2P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3101 MURATA-RO3101 Datasheet
141Kb / 2P
   433.92 MHz SAW Resonator
RO3101A-11 MURATA-RO3101A-11 Datasheet
392Kb / 2P
   433.92 MHz SAW Resonator
RO3101C-11 MURATA-RO3101C-11 Datasheet
435Kb / 2P
   433.92 MHz SAW Resonator
RO3101E MURATA-RO3101E Datasheet
390Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0219E TAI-SAW-TC0219E Datasheet
402Kb / 6P
   SAW Resonator 433.92 MHz
TC0170AB TAI-SAW-TC0170AB Datasheet
390Kb / 5P
   SAW Resonator 433.92 MHz
logo
List of Unclassifed Man...
FR0433M92-TE11 ETC-FR0433M92-TE11 Datasheet
87Kb / 3P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1308 MURATA-RP1308_15 Datasheet
254Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC433EDC TAI-SAW-TC433EDC Datasheet
228Kb / 5P
   SAW Resonator 433.92 MHz
TC0269B TAI-SAW-TC0269B Datasheet
344Kb / 5P
   SAW Resonator 433.92 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com