Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3075A Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3075A
Description  345.00 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3075A Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3075A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3075A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
© 2008-2011 by RF Monolithics, Inc.
RO3075A - 6/29/11
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency, +25 °C
Absolute Frequency
fC
2,3,4,5
344.930
345.07
MHz
Tolerance from 345.0 MHz
∆fC
±70
kHz
Insertion Loss
IL
2,5,6
1.3
1.7
dB
Quality Factor
Unloaded Q
QU
5,6,7
8000
50
Ω Loaded Q
QL
1000
Temperature Stability
Turnover Temperature
TO
6,7,8
10
25
40
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
14.1
Motional Inductance
LM
57.7
µH
Motional Capacitance
CM
4.11
fF
Shunt Static Capacitance
CO
5, 6, 9
4.2
pF
Test Fixture Shunt Inductance
LTEST
2, 7
49.8
nH
Lid Symbolization (in addition to Lot and/or Date Codes)
664 // YWWS
• Designed for 345.0 MHz Transmitters
• Very Low Series Resistance
• Quartz Stability
• Surface-mount Ceramic Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3075A is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 345 MHz. This SAW is designed specifically for remote control and wireless security transmitters.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Terminals (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles maximum)
260
°C
345.0 MHz
SAW
Resonator
RO3075A
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65 °C or
less. Aging may exceed the specification for prolonged temperatures
above +65 °C. Typically, aging is greatest the first year after manufacture,
decreasing in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is approximately equal to the
resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and
government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC =+25 ± 2 °C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically oscillator T
O is
approximately equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between the two terminals
measured at low frequency (10 MHz) with a capacitance meter. The
measurement includes parasitic capacitance with "NC” pads unconnected.
Case parasitic capacitance is approximately 0.05 pF. Transducer parallel
capacitance can by calculated as: CP ≈ CO -0.05pF.
10.
Tape and Reel standard per ANSI / EIA 481.
SM5035-4
Pb


Similar Part No. - RO3075A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3075E MURATA-RO3075E Datasheet
100Kb / 2P
   345.00 MHz SAW Resonator
More results

Similar Description - RO3075A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3075E MURATA-RO3075E Datasheet
100Kb / 2P
   345.00 MHz SAW Resonator
logo
Vanlong Technology Co.,...
SR5425 VANLONG-SR5425 Datasheet
92Kb / 2P
   345.00 MHz One Port SAW Resonator
SR345 VANLONG-SR345 Datasheet
91Kb / 2P
   345.00 MHz One-Port SAW Resonator
SR5424 VANLONG-SR5424 Datasheet
85Kb / 2P
   345.00 MHz One Port SAW Resonator
logo
Murata Manufacturing Co...
RF1353C MURATA-RF1353C Datasheet
171Kb / 5P
   345.00 MHz SAW Filter
logo
RF Monolithics, Inc
RF1353C RFM-RF1353C Datasheet
163Kb / 5P
   345.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5403 VANLONG-SF5403 Datasheet
174Kb / 2P
   345.00 MHz SAW Filter
logo
RF Monolithics, Inc
RF1353D RFM-RF1353D Datasheet
183Kb / 5P
   345.00 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1353D MURATA-RF1353D Datasheet
172Kb / 5P
   345.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5402 VANLONG-SF5402 Datasheet
110Kb / 2P
   345.00 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com