Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTC-T106K16TRBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NTC-T106K16TRBF
Description  Tantalum Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTC-T106K16TRBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NTC-T106K16TRBF Datasheet HTML 1Page - NIC-Components Corp. NTC-T106K16TRBF Datasheet HTML 2Page - NIC-Components Corp. NTC-T106K16TRBF Datasheet HTML 3Page - NIC-Components Corp. NTC-T106K16TRBF Datasheet HTML 4Page - NIC-Components Corp. NTC-T106K16TRBF Datasheet HTML 5Page - NIC-Components Corp. NTC-T106K16TRBF Datasheet HTML 6Page - NIC-Components Corp. NTC-T106K16TRBF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
RoHS
Compliant
includes all homogeneous materials
SPECIFICATIONS ARE SUBJECT TO CHANGE
FEATURES
• MOLDED CONSTRUCTION FOR HIGH SOLDERING HEAT RESISTANCE
• ELEVEN CASE SIZES (P, A, B, C, V, D AND E)
• BOTH FLOW AND REFLOW SOLDERING APPLICABLE
• TAPE & REEL PACKAGING COMPATIBLE WITH AUTOMATIC
PICK & PLACE EQUIPMENT
SPECIFICATIONS & PERFORMANCE CHARACTERISTICS
POWER DISSIPATION @ 25°C (FREE AIR) &
EQUIVALENT SERIES INDUCTANCE (ESL)
RIPPLE CURRENT CORRECTION FACTOR:
Tantalum Chip Capacitors
NTC-T Series
RIPPLE CURRENT/VOLTAGE RATINGS:
Tmax. =
Pd
ESR
V max. = Z
Pd
ESR
Tmax. = Ripple Current rating (Arms)
Pd = Power dissipation (watt)
ESR = Equivalent series resistance (ohm)
V max. = Ripple voltage rating (Vrms)
Z = The capacitors impedance (ohm) =
(ESR)2+(XL-XC)2
NTC-T 106 M 16 TR B F
RoHS Compliant
Case Code
Packaging: TR=Tape/Reel
Voltage
Tolerance Code: K=±10%, M=± 20%
Capacitance Code
Series
PART NUMBER SYSTEM
Capacitance Range
0.1
μF to 470μF
Capacitance Tolerance
±10% (K), ±20% (M)
Rated Voltage Range @ 85°C (Vdc)
2.5
4.0
6.3
10
16
20
25
35
50
Surge Voltage Rating @ 85°C (Vdc)
3.3
5.2
8.0
13
20
28
33
46
85
Derated Voltage @ 125°C (Vdc)
1.8
2.5
4.0
6.3
10
13
16
22
32
Operating Temperature Range
-55°C to +125°C (voltage derating at temperatures over +85°C as referenced above)
Dissipation Factor
See Case Size and Specifications Table
Leakage Current @ +25°C
(After 5 Minutes at Rated Voltage)
Not More Than 0.01CV or 0.5
μA, whichever is greater
Capacitance Change
With Temperature
-55°C
+85°C
+125°C
A, B, C, D & E Case Size
ΔC - 12%
ΔC ± 12%
ΔC ± 12%
P Case Size
ΔC - 20%
ΔC ± 20%
ΔC ± 20%
Resistance to Soldering Heat
(+260°C for 5 Seconds)
ΔC ± 5%* Max, LC = Less than initial specification.
DF = Less than initial specification
Moisture Resistance
(500 hours; 90~95% RH @ 40°C)
ΔC ± 5%* Max, LC = Less than initial specification.
DF = 150% of initial specification
Temperature Cycling
(5 cycles; -55°C ~ +125°C)
ΔC ± 5%* Max, LC = Less than initial specification.
DF = Less than initial specification
Load Life (at Rated Voltage)
(2,000 hours @ 85°C)
ΔC ± 10%* Max, LC = 125% of initial specification.
DF = Less than initial specification
Base Failure Rate (1.0
Ω/Volt)
1%/1000 hours at 60% confidence level (+85°C)
*±12% ~ ±15% for extended values, ±20% for P case size values
Ambient
Temperature
25°C +55°C +85°C +105°C +125°C
Correction Factor
1.0
0.90
0.80
0.40
0.15
Case
Code
Pd Max.
(W)
ESL
(nH)
P
0.025
1.00
A
0.070
1.20
B
0.080
1.50
C
0.110
2.70
V
0.125
-
D
0.150
3.00
E
0.165
3.00
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
our
website at www.niccomp.com/tantpc
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
*See Part Number System for Details


Similar Part No. - NTC-T106K16TRBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTC-T106K16TRBF NIC-NTC-T106K16TRBF Datasheet
107Kb / 7P
   Tantalum Chip Capacitors
More results

Similar Description - NTC-T106K16TRBF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com