Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTC-T226K10TRAF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NTC-T226K10TRAF
Description  Tantalum Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTC-T226K10TRAF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NTC-T226K10TRAF Datasheet HTML 1Page - NIC-Components Corp. NTC-T226K10TRAF Datasheet HTML 2Page - NIC-Components Corp. NTC-T226K10TRAF Datasheet HTML 3Page - NIC-Components Corp. NTC-T226K10TRAF Datasheet HTML 4Page - NIC-Components Corp. NTC-T226K10TRAF Datasheet HTML 5Page - NIC-Components Corp. NTC-T226K10TRAF Datasheet HTML 6Page - NIC-Components Corp. NTC-T226K10TRAF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Tantalum Chip Capacitors
NTC-T Series
Part Number
Cap.
(
μF)
Voltage
(Vdc)
Dissipation Factor
@ 120Hz/20°C
Leakage Current (
μA)
@ 20°C
ESR (ohms)
@ 100KHz/20°C
Ripple Current Rating (mA)
@ 100KHz/25°C
NTC-T156M6.3TRPF
15
6.3
20%
0.95
5.0
71
NTC-T156K6.3TRBF
15*
6.3
8%
0.95
2.5
100
NTC-T226M6.3TRPF
22
6.3
20%
1.39
4.0
79
NTC-T226K6.3TRAF
22*
6.3
10%
1.39
4.5
125
NTC-T226K6.3TRBF
22*
6.3
8%
1.39
2.3
187
NTC-T226K6.3TRCF
22
6.3
6%
1.39
1.8
247
NTC-T336K6.3TRAF
33
6.3
12%
2.08
5.0
118
NTC-T336K6.3TRBF
33*
6.3
8%
2.08
2.0
200
NTC-T336K6.3TRCF
33*
6.3
8%
2.08
1.8
247
NTC-T476K6.3TRAF
47
6.3
12%
2.96
2.0
187
NTC-T476K6.3TRBF
47*
6.3
8%
2.96
2.0
200
NTC-T476K6.3TRCF
47*
6.3
8%
2.96
1.6
262
NTC-T686K6.3TRBF
68*
6.3
10%
4.29
1.8
211
NTC-T686K6.3TRCF
68*
6.3
8%
4.29
1.2
303
NTC-T686K6.3TRDF
68*
6.3
8%
4.29
0.8
433
NTC-T107K6.3TRBF
100
6.3
12%
6.3
1.2
258
NTC-T107K6.3TRCF
100*
6.3
10%
6.3
0.9
350
NTC-T107K6.3TRDF
100
6.3
8%
6.3
0.8
433
NTC-T157K6.3TRBF
150
6.3
12%
9.45
1.0
283
NTC-T157K6.3TRCF
150
6.3
10%
9.45
1.2
303
NTC-T157K6.3TRDF
150*
6.3
8%
9.45
0.7
463
NTC-T227K6.3TRCF
220
6.3
14%
13.9
1.2
303
NTC-T227K6.3TRVF
220
6.3
12%
13.9
0.5
500
NTC-T227K6.3TRDF
220*
6.3
12%
13.9
0.8
433
NTC-T337K6.3TRDF
330
6.3
14%
20.8
1.0
387
NTC-T477K6.3TRDF
470
6.3
20%
29.6
0.3
707
NTC-T105M10TRPF
1
10
10%
0.5
25
32
NTC-T155K10TRAF
1.5
10
4%
0.5
8.0
94
NTC-T225M10TRPF
2.2
10
20%
0.5
20
35
NTC-T225K10TRAF
2.2
10
8%
0.5
5.5
113
NTC-T475M10TRPF
4.7
10
20%
1.0
10
50
NTC-T475K10TRAF
4.7*
10
8%
1.0
5.0
118
NTC-T475K10TRBF
4.7
10
4%
1.0
3.5
151
NTC-T685K10TRAF
6.8*
10
8%
0.68
4.5
125
NTC-T685K10TRBF
6.8
10
8%
0.68
3.0
163
NTC-T106M10TRPF
10
10
20%
1.0
6.0
65
NTC-T106K10TRAF
10*
10
8%
1.0
3.2
148
NTC-T106K10TRBF
10*
10
8%
1.0
2.5
179
NTC-T106K10TRCF
10
10
8%
1.0
1.8
247
NTC-T156K10TRCF
15
10
8%
1.5
1.8
247
NTC-T226K10TRAF
22
10
12%
2.2
2.5
167
NTC-T226K10TRBF
22*
10
8%
2.2
2.4
183
NTC-T226K10TRCF
22*
10
8%
2.2
1.8
247
NTC-T336K10TRBF
33
10
8%
3.3
2.0
200
NTC-T336K10TRCF
33*
10
8%
3.3
1.6
262
NTC-T336K10TRDF
33*
10
6%
3.3
0.8
433
NTC-T476K10TRBF
47
10
8%
4.7
3.0
163
NTC-T476K10TRCF
47*
10
8%
4.7
1.6
262
NTC-T476K10TRDF
47
10
8%
4.7
0.8
433
NTC-T686K10TRBF
68
10
12%
6.8
0.9
298
NTC-T686K10TRCF
68*
10
8%
6.8
1.2
303
NTC-T686K10TRDF
68*
10
8%
6.8
0.8
433
NTC-T107K10TRCF
100
10
10%
10
1.2
303
NTC-T107K10TRVF
100
10
8%
10
0.5
500
NTC-T107K10TRDF
100*
10
8%
10
0.7
463
NTC-T157K10TRDF
150*
10
10%
15
0.7
463
NTC-T227K10TRDF
220
10
12%
22
1.0
387
NTC-T227K10TREF
220*
10
8%
22
0.9
428
NTC-T105M16TRPF
1.0
16
20%
0.5
25
32
STANDARD AND EXTENDED PRODUCT SPECIFICATIONS TABLE
*Extended Case Sizes
Note: 20% (M) tolerance parts available special order


Similar Part No. - NTC-T226K10TRAF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTC-T226K2.5TRAF NIC-NTC-T226K2.5TRAF Datasheet
107Kb / 7P
   Tantalum Chip Capacitors
NTC-T226K2.5TRAF NIC-NTC-T226K2.5TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T226K2.5TRAF NIC-NTC-T226K2.5TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T226K2.5TRAF NIC-NTC-T226K2.5TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T226K4TRAF NIC-NTC-T226K4TRAF Datasheet
107Kb / 7P
   Tantalum Chip Capacitors
More results

Similar Description - NTC-T226K10TRAF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com