Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTL06C6N8TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NTL06C6N8TRF
Description  Thin Film Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTL06C6N8TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NTL06C6N8TRF Datasheet HTML 1Page - NIC-Components Corp. NTL06C6N8TRF Datasheet HTML 2Page - NIC-Components Corp. NTL06C6N8TRF Datasheet HTML 3Page - NIC-Components Corp. NTL06C6N8TRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
15
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Thin Film Chip Inductors
NTL Series
Case Size
0201
0402
0603*
Inductance Range
1.0nH ~ 5.6nH
1.0nH ~ 15nH
1.0nH ~ 100nH
Available Tolerance
±0.1nH (B), ±0.2nH (C) & 2% (G)
±0.2nH (C) & 2% (G)
Temperature Range
-40°C ~ +125°C
Resistance to Solder Heat
270°C ±5°C for 10 seconds
Temperature Cycling
ΔL±10% after 10 cycles -40°C/+20°C/+85°C/+20°C
FEATURES
NTL 02 C 33N TR F
RoHS compliant
Tape & Reel Packaging
Inductance Value in nano-henries,
"N" indicates decimal point
Inductance Tolerance (see values tables)
Case Code
Series
PART NUMBER SYSTEM
• ULTRA-SMALL LOW PROFILE 0201, 0402 & 0603SIZES
• HIGH Q (15 ~ 40) @ 300MHz ~ 1.5GHz
• S-PARAMETER CHARACTERISTICS AVAILABLE
• HIGH CURRENT & HIGH SRF
• COMPATIBLE WITH Pb-FREE SOLDERING
• RoHS COMPLIANT
CHARACTERISTICS
CASE DIMENSIONS (mm)
Case Sixe
L
W
T
P
0201
0.61 ± 0.05
0.31 ± 0.05
0.28 ± 0.05
0.12 ± 0.05
0402
1.0 ± 0.10
0.5 ± 0.10
0.40 ± 0.10
0.25 ± 0.10
0603
1.6 ± 0.10
0.8 ± 0.10
0.45 ± 0.10
0.30 ± 0.10
L
P
T
W
CONSTRUCTION
Copper (Cu)
Termination Base
2µm Nickel (Ni) Barrier
3µm Tin (Sn) Outerplating
Alumina Substrate
Etched Copper Coil
LAND PATTERN DIMENSIONS (mm)
Case Sixe
A
B
C
D
0201
0.2 ~ 0.3
0.8 ~ 0.9
0.2 ~ 0.3
0.3 ~ 0.4
0402
0.5 ~ 0.6
1.5 ~ 1.8
0.5 ~ 0.6
0.5 ~ 0.6
0603
0.6 ~ 1.0
2.4 ~ 2.8
0.7 ~ 0.9
0.9 ~ 1.1
A
B
C
D
60 ~ 90 sec.
250°C max.
10 sec. max.
130°C ~ 180°C
REFLOW SOLDERING PROFILE
220°C
Time above 220°C -
30 ~ 90 sec. max.
50°C
100°C
150°C
200°C
250°C
Time (seconds)
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
*Not recommended for new designs (see NTI06 series)


Similar Part No. - NTL06C6N8TRF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
NTL-400S140MP INVENTRONICS-NTL-400S140MP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-600S220MX INVENTRONICS-NTL-600S220MX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
logo
List of Unclassifed Man...
NTL1 ETC-NTL1 Datasheet
194Kb / 1P
   Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
More results

Similar Description - NTL06C6N8TRF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com