Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTL06C1N5TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NTL06C1N5TRF
Description  Thin Film Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTL06C1N5TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NTL06C1N5TRF Datasheet HTML 1Page - NIC-Components Corp. NTL06C1N5TRF Datasheet HTML 2Page - NIC-Components Corp. NTL06C1N5TRF Datasheet HTML 3Page - NIC-Components Corp. NTL06C1N5TRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
16
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Thin Film Chip Inductors
NTL Series
Available Values - 0201 Case Size
Inductance
Value (nH)
Part
Number
Available Tolerances
& Tolerance Codes
Q Factor Min.
& Test Frequency
Typical Q
@ 300MHz
Typical Q
@ 1.5 GHz
DC Resistance
Max. (
Ω)
DC Current
Max. (mA)
SRF
Min. (GHz)
1.0
NTL02_1N0TRF
±0.1nH (B)
±0.2nH (C)
10 min. @
500MHz
12
27
0.24
510
10
1.1
NTL02_1N1TRF
11
27
0.30
460
10
1.2
NTL02_1N2TRF
11
26
0.30
460
10
1.3
NTL02_1N3TRF
11
26
0.26
490
10
1.5
NTL02_1N5TRF
11
26
0.26
490
10
1.6
NTL02_1N6TRF
11
26
0.36
420
10
1.8
NTL02_1N8TRF
11
25
0.36
420
10
2.2
NTL02_2N2TRF
11
25
0.50
350
10
2.4
NTL02_2N4TRF
11
25
0.54
340
7.0
2.7
NTL02_2N7TRF
11
24
0.54
340
7.0
3.0
NTL02_3N0TRF
11
24
0.66
310
7.0
3.3
NTL02_3N3TRF
11
22
0.66
310
7.0
3.6
NTL02_3N6TRF
11
22
0.80
280
7.0
3.9
NTL02_3N9TRF
11
21
0.80
280
7.0
4.3
NTL02_4N3TRF
11
21
1.00
250
7.0
4.7
NTL02_4N7TRF
11
21
1.00
250
7.0
5.1
NTL02_5N1TRF
11
21
1.60
200
6.0
5.6
NTL02_5N6TRF
11
20
1.00
200
6.0
6.2
NTL02C6N2TRF
±0.2nH (C)
10
20
1.00
220
6.0
6.8
NTL02C6N8TRF
10
20
1.00
220
6.0
7.5
NTL02C7N5TRF
10
20
1.80
170
5.0
8.2
NTL02C8N2TRF
10
19
1.80
170
5.0
9.1
NTL02C9N1TRF
10
19
2.20
150
4.5
10
NTL02C10NTRF
10
19
2.20
150
4.5
Available Values - 0402 Case Size
Inductance
Value (nH)
Part
Number
Available Tolerances
& Tolerance Codes
Q Factor Min.
& Test Frequency
Typical Q
@ 300MHz
Typical Q
@ 1.5 GHz
DC Resistance
Max. (
Ω)
DC Current
Max. (mA)
SRF
Min. (GHz)
1.0
NTL04_1N0TRF
±0.1nH (B)
±0.2nH (C)
13 min. @
300MHz
22
52
0.03
1,800
7.0
1.1
NTL04_1N1TRF
20
45
0.05
1,500
7.0
1.2
NTL04_1N2TRF
20
44
0.08
1,400
7.0
1.3
NTL04_1N3TRF
20
44
0.10
1,250
7.0
1.5
NTL04_1N5TRF
20
44
0.10
1,200
7.0
1.6
NTL04_1N6TRF
20
44
0.12
1,070
7.0
1.8
NTL04_1N8TRF
20
44
0.14
1,000
7.0
2.0
NTL04_2N0TRF
20
44
0.14
980
7.0
2.2
NTL04_2N2TRF
17
39
0.15
900
7.0
2.4
NTL04_2N4TRF
17
39
0.22
810
7.0
2.7
NTL04_2N7TRF
17
39
0.23
750
7.0
3.0
NTL04_3N0TRF
16
36
0.24
710
7.0
3.3
NTL04_3N3TRF
16
36
0.25
700
7.0
3.6
NTL04_3N6TRF
16
36
0.30
650
7.0
3.9
NTL04_3N9TRF
16
36
0.30
620
7.0
4.3
NTL04_4N3TRF
16
36
0.46
550
6.0
4.7
NTL04_4N7TRF
16
36
0.50
500
6.0
5.1
NTL04_5N1TRF
10 min. @
300MHz
16
34
0.68
460
5.5
5.6
NTL04_5N6TRF
16
34
0.70
450
5.5
6.2
NTL04_6N2TRF
15
32
0.80
440
4.5
6.8
NTL04_6N8TRF
15
32
0.80
430
4.5
7.5
NTL04_7N5TRF
15
32
0.93
380
4.0
8.2
NTL04_8N2TRF
15
32
1.10
340
4.0
9.1
NTL04_9N1TRF
15
32
1.30
310
3.5
10
NTL04G10NTRF
±2% (G)
15
29
1.40
300
3.5
11
NTL04G11NTRF
15
28
1.60
280
3.5
12
NTL04G12NTRF
15
28
1.65
270
3.5
13
NTL04G13NTRF
14
25
2.20
260
3.5
15
NTL04G15NTRF
14
25
2.25
240
3.5


Similar Part No. - NTL06C1N5TRF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
NTL-400S140MP INVENTRONICS-NTL-400S140MP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-600S220MX INVENTRONICS-NTL-600S220MX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
logo
List of Unclassifed Man...
NTL1 ETC-NTL1 Datasheet
194Kb / 1P
   Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
More results

Similar Description - NTL06C1N5TRF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com