Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTL04G10NTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NTL04G10NTRF
Description  Thin Film Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTL04G10NTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NTL04G10NTRF Datasheet HTML 1Page - NIC-Components Corp. NTL04G10NTRF Datasheet HTML 2Page - NIC-Components Corp. NTL04G10NTRF Datasheet HTML 3Page - NIC-Components Corp. NTL04G10NTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
17
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Thin Film Chip Inductors
NTL Series
Cover Tape
Available Values - 0603 Case Size
Inductance
Value (nH)
Part
Number
Available Tolerances
& Tolerance Codes
Q Factor Min.
& Test Frequency
Typical Q
@ 800MHz
Typical Q
@ 1.5 GHz
DC Resistance
Max. (
Ω)
DC Current
Max. (mA)
SRF
Min. (GHz)
1
NTL06C1N0TRF
±0.2nH (C)
20 min. @
300MHz
34
38
0.10
1000
6.0
1.2
NTL06C1N2TRF
34
38
0.10
1000
6.0
1.5
NTL06C1N5TRF
34
38
0.10
1000
6.0
1.8
NTL06C1N8TRF
34
38
0.15
800
6.0
2.2
NTL06C2N2TRF
30
38
0.15
800
6.0
2.7
NTL06C2N7TRF
30
35
0.15
800
6.0
3.3
NTL06C3N3TRF
30
35
0.20
700
6.0
3.9
NTL06C3N9TRF
30
35
0.20
700
6.0
4.7
NTL06C4N7TRF
30
35
0.25
600
5.0
5.6
NTL06C5N6TRF
15 min. @
300MHz
30
35
0.5
400
5.0
6.8
NTL06C6N8TRF
30
35
0.5
400
5.0
8.2
NTL06C8N2TRF
30
35
0.5
400
4.0
10
NTL06G10NTRF
±2% (G)
30
35
1.0
300
4.0
12
NTL06G12NTRF
30
35
1.0
300
3.0
15
NTL06G15NTRF
30
35
1.0
300
3.0
18
NTL06G18NTRF
25
30
1.5
250
2.0
22
NTL06G22NTRF
25
30
1.5
250
2.0
27
NTL06G27NTRF
25
30
2.0
200
2.0
33
NTL06G33NTRF
15 min. @
200MHz
25
/
2.0
200
1.5
39
NTL06G39NTRF
25
/
3.0
180
1.5
47
NTL06G47NTRF
25
/
3.0
180
1.5
56
NTL06G56NTRF
25
/
4.0
150
1.0
68
NTL06G68NTRF
25
/
4.5
140
1.0
82
NTL06G82NTRF
15
/
6.0
120
1.0
100
NTL06GR10TRF
15
/
8.5
100
1.0
FREQUENCY CHARACTERISTICS - NTL0402


Similar Part No. - NTL04G10NTRF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
NTL-400S140MP INVENTRONICS-NTL-400S140MP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-600S220MX INVENTRONICS-NTL-600S220MX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
logo
List of Unclassifed Man...
NTL1 ETC-NTL1 Datasheet
194Kb / 1P
   Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
More results

Similar Description - NTL04G10NTRF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com