Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTC-T477K4TRDF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NTC-T477K4TRDF
Description  Tantalum Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTC-T477K4TRDF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NTC-T477K4TRDF Datasheet HTML 1Page - NIC-Components Corp. NTC-T477K4TRDF Datasheet HTML 2Page - NIC-Components Corp. NTC-T477K4TRDF Datasheet HTML 3Page - NIC-Components Corp. NTC-T477K4TRDF Datasheet HTML 4Page - NIC-Components Corp. NTC-T477K4TRDF Datasheet HTML 5Page - NIC-Components Corp. NTC-T477K4TRDF Datasheet HTML 6Page - NIC-Components Corp. NTC-T477K4TRDF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Tantalum Chip Capacitors
NTC-T Series
STANDARD AND EXTENDED PRODUCT SPECIFICATIONS TABLE
*Extended Case Sizes
Note: 20% (M) tolerance parts available special order
Part NuKber
Cap.
(
μF)
Voltage
(Vdc)
Dissipation Factor
@ 120Hz/20°C
Leakage Current (
μA)
@ 20°C
ESR (ohms)
@ 100KHz/20°C
Ripple Current Rating (mA)
@ 100KHz/25°C
NTC-T685K25TRCF
6.8*
25
6%
1.7
1.9
241
NTC-T106K25TRCF
10*
25
6%
2.5
1.8
247
NTC-T106K25TRDF
10
25
6%
2.5
1.2
354
NTC-T156K25TRCF
15
25
6%
3.75
1.5
271
NTC-T156K25TRDF
15*
25
6%
3.75
1.0
387
NTC-T226K25TRDF
22*
25
6%
5.5
0.8
433
NTC-T336K25TRDF
33
25
6%
8.25
0.7
463
NTC-T104K35TRAF
0.1
35
4%
0.5
18
62
NTC-T224K35TRAF
0.22
35
4%
0.5
18
62
NTC-T334K35TRAF
0.33
35
4%
0.5
15
68
NTC-T474K35TRAF
0.47*
35
6%
0.5
12
76
NTC-T474K35TRBF
0.47
35
4%
0.5
8.0
100
NTC-T105K35TRAF
1*
35
6%
0.5
8.0
94
NTC-T105K35TRBF
1
35
4%
0.5
4.8
129
NTC-T155K35TRAF
1.5*
35
6%
0.53
8.0
94
NTC-T155K35TRBF
1.5*
35
6%
0.53
4.0
141
NTC-T155K35TRCF
1.5
35
4%
0.53
3.0
191
NTC-T225K35TRAF
2.2
35
6%
0.77
5.0
118
NTC-T225K35TRBF
2.2*
35
6%
0.77
4.2
138
NTC-T225K35TRCF
2.2
35
4%
0.77
3.0
191
NTC-T335K35TRBF
3.3*
35
6%
1.16
4.0
141
NTC-T335K35TRCF
3.3
35
4%
1.16
2.5
210
NTC-T475K35TRCF
4.7
35
6%
1.65
2.2
224
NTC-T475K35TRDF
4.7
35
4%
1.65
1.5
316
NTC-T685K35TRCF
6.8*
35
6%
2.38
1.9
241
NTC-T685K35TRDF
6.8
35
6%
2.38
1.3
340
NTC-T106K35TRCF
10
35
6%
3.5
1.5
271
NTC-T106K35TRDF
10
35
6%
3.5
1.0
387
NTC-T106K35TREF
10*
35
6%
3.5
1.0
406
NTC-T156K35TRDF
15*
35
6%
5.25
0.9
408
NTC-T105K50TRCF
1
50
4%
0.5
5.5
141
NTC-T225K50TRDF
2.2
50
4%
1.1
1.8
289
NTC-T335K50TRDF
3.3
50
4%
1.65
1.4
327
NTC-T475K50TRDF
4.7
50
4%
2.35
1.4
327
DIMENSIONS (mm)
W
1
H
L
a
P
P
(+)
Anode
(-)
Cathode
W
1
H
L
a
P
P
(+)
Anode
(-)
Cathode
LEAD-FRAME FORMAT*
*Parts will be supplied with one of the above lead-frame formats.
Case Code
Metric Code English Code
L
W
H
P
a
P
2012
0805
2.0 ± 0.2
1.25 ± 0.2
1.2 MAX.
0.5 ± 0.2
0.9 ± 0.1
A
3216
1206
3.2 ± 0.2
1.6 ± 0.2
1.6 ± 0.2
0.8 ± 0.3
1.2 ± 0.1
B
3528
1411
3.5 ± 0.2
2.8 ± 0.2
1.9 ± 0.2
0.8 ± 0.3
2.2 ± 0.1
C
6032
2412
6.0 ± 0.3
3.2 ± 0.3
2.6 ± 0.4
1.3 ± 0.3
2.2 ± 0.1
V
7343
2916
7.3 ± 0.2
4.3 ± 0.2
2.0 MAX.
1.3 ± 0.3
2.4 ± 0.1
D
7343
2916
7.3 ± 0.2
4.3 ± 0.2
2.9 ± 0.3
1.3 ± 0.3
2.4 ± 0.1
E
7343H
2917
7.3 ± 0.2
4.3 ± 0.2
4.1 ± 0.4
1.3 ± 0.3
2.4 ± 0.1
1.25 +0.25/-0.2


Similar Part No. - NTC-T477K4TRDF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTC-T477K4TRDF NIC-NTC-T477K4TRDF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T477K4TRDF NIC-NTC-T477K4TRDF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T477K4TRDF NIC-NTC-T477K4TRDF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
More results

Similar Description - NTC-T477K4TRDF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com