Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTL04-4N3TRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NTL04-4N3TRF
Description  Thin Film Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTL04-4N3TRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NTL04-4N3TRF Datasheet HTML 1Page - NIC-Components Corp. NTL04-4N3TRF Datasheet HTML 2Page - NIC-Components Corp. NTL04-4N3TRF Datasheet HTML 3Page - NIC-Components Corp. NTL04-4N3TRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
18
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
TAPE AND REEL DIMENSIONS (mm)
21.0
±0.8
9.0 ± 0.3
13.0
±1.0
13.0±0.2
2.0 ± 0.5
φDo
P
1
t
1
t
2
A
P
0
P
2
Sprocket Hole
Type
A
B
E
F
W
P0
P1
P2
t1
t2
NTL02
0.38 ± 0.03
0.68 ± 0.03
1.75 ± 0.10
3.5 ± 0.05
8.0 ± 0.30
4.0 ± 0.10
2.0 ± 0.05
2.0 ± 0.1
0.33 ± 0.03
0.42 ± 0.03
NTL04
0.63 ± 0.05
1.13 ± 0.05
0.47 ± 0.05
0.48 ± 0.10
NTL06
1.10 ± 0.10
1.90 ± 0.10
4.0 ± 0.10
0.60 ± 0.05
0.65 ± 0.10
Thin Film Chip Inductors
NTL Series
FREQUENCY CHARACTERISTICS - NTL0603


Similar Part No. - NTL04-4N3TRF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
NTL-400S140MP INVENTRONICS-NTL-400S140MP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-400SXXXMP INVENTRONICS-NTL-400SXXXMP Datasheet
727Kb / 13P
   400W Non-Isolated IP20 Driver
Rev.B
NTL-600S220MX INVENTRONICS-NTL-600S220MX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
   600W Non-Isolated Driver
Rev.B
logo
List of Unclassifed Man...
NTL1 ETC-NTL1 Datasheet
194Kb / 1P
   Compact XLR 3 to 5 pole adapters for lighting (DMX) applications
More results

Similar Description - NTL04-4N3TRF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com