Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0201FR-072KL Datasheet(PDF) 10 Page - YAGEO Corporation

Part # RC0201FR-072KL
Description  THICK FILM CHIP RESISTORS Introduction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201FR-072KL Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button RC0201FR-072KL Datasheet HTML 6Page - YAGEO Corporation RC0201FR-072KL Datasheet HTML 7Page - YAGEO Corporation RC0201FR-072KL Datasheet HTML 8Page - YAGEO Corporation RC0201FR-072KL Datasheet HTML 9Page - YAGEO Corporation RC0201FR-072KL Datasheet HTML 10Page - YAGEO Corporation RC0201FR-072KL Datasheet HTML 11Page - YAGEO Corporation RC0201FR-072KL Datasheet HTML 12Page - YAGEO Corporation RC0201FR-072KL Datasheet HTML 13Page - YAGEO Corporation RC0201FR-072KL Datasheet HTML 14Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.yageo.com
Mar 25, 2008 V.7
INTRODUCTION
Thick film technology
Product specification
Chip Resistor Surface Mount
10
16
600
200
0
400
MBD586
10 1
1
10 2
10 3
10 4
10 5
10 6
Vmax
(V)
t (s)
i
Fig. 13 Pulse on a regular basis; maximum permissible peak pulse voltage
)
( max as a function of pulse duration (ti).
handbook, full pagewidth
10 6
MBC188
10
3
10
1
1
10
102
10 5
10 4
10 3
10 2
1
10 1
Pmax
(W)
t (s)
i
t / t = 1000
pi
single pulse
repetitive pulse
Size 1206
Size 1206
Fig. 12 Pulse on a regular basis; maximum permissible peak pulse power
)
( max as a function of pulse duration for R  10 kΩ, single pulse
and repetitive pulse tp/ti = 1,000


Similar Part No. - RC0201FR-072KL

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
RC0201FR-07200RL SILABS-RC0201FR-07200RL Datasheet
3Mb / 82P
   RS9116 n-Link™ and WiSeConnect™ Wi-Fi® and Dual-Mode Bluetooth® 5 Wireless Connectivity B00 Module Solution
Rev 1.0.9
logo
YAGEO Corporation
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0201FR-072KL

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com