Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTC-T157K2.5TRBF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NTC-T157K2.5TRBF
Description  Tantalum Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTC-T157K2.5TRBF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NTC-T157K2.5TRBF Datasheet HTML 1Page - NIC-Components Corp. NTC-T157K2.5TRBF Datasheet HTML 2Page - NIC-Components Corp. NTC-T157K2.5TRBF Datasheet HTML 3Page - NIC-Components Corp. NTC-T157K2.5TRBF Datasheet HTML 4Page - NIC-Components Corp. NTC-T157K2.5TRBF Datasheet HTML 5Page - NIC-Components Corp. NTC-T157K2.5TRBF Datasheet HTML 6Page - NIC-Components Corp. NTC-T157K2.5TRBF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
Voltage
(Vdc)
Dissipation Factor
@ 120Hz/20°C
Leakage Current (
μA)
@ 20°C
ESR (ohms)
@ 100KHz/20°C
Ripple Current Rating (mA)
@ 100KHz/25°C
NTC-T105K16TRAF
1.0
16
4%
0.5
10
84
NTC-T155K16TRAF
1.5
16
4%
0.5
8.0
94
NTC-T225K16TRAF
2.2
16
6%
0.5
6.0
108
NTC-T335K16TRAF
3.3*
16
6%
0.53
5.0
118
NTC-T335K16TRBF
3.3
16
4%
0.53
3.5
151
NTC-T475K16TRAF
4.7*
16
6%
0.75
5.0
118
NTC-T475K16TRBF
4.7
16
6%
0.75
3.0
163
NTC-T685K16TRAF
6.8*
16
6%
1.09
5.0
118
NTC-T685K16TRBF
6.8*
16
6%
1.09
2.5
179
NTC-T106K16TRAF
10
16
8%
1.6
5.0
118
NTC-T106K16TRBF
10*
16
6%
1.6
2.4
183
NTC-T106K16TRCF
10
16
6%
1.6
1.8
247
NTC-T156K16TRAF
15
16
12%
2.4
5.0
118
NTC-T156K16TRBF
15*
16
6%
2.4
2.5
167
NTC-T156K16TRCF
15*
16
6%
2.4
1.8
247
NTC-T226K16TRBF
22*
16
6%
3.52
2.5
179
NTC-T226K16TRCF
22*
16
6%
3.52
1.6
209
NTC-T226K16TRDF
22
16
6%
3.52
0.8
296
NTC-T336K16TRBF
33
16
8%
5.28
1.4
239
NTC-T336K16TRCF
33*
16
6%
5.28
1.2
303
NTC-T336K16TRDF
33*
16
6%
5.28
0.8
433
NTC-T476K16TRCF
47*
16
6%
7.52
1.2
303
NTC-T476K16TRDF
47*
16
6%
7.52
0.8
433
NTC-T686K16TRCF
68
16
6%
10.9
0.7
396
NTC-T686K16TRDF
68*
16
6%
10.9
0.7
463
NTC-T107K16TRDF
100*
16
10%
16.0
1.0
387
NTC-T157K16TRDF
150*
16
6%
24.0
0.9
408
NTC-T105K20TRAF
1*
20
6%
0.5
9.0
88
NTC-T155K20TRAF
1.5*
20
6%
0.5
6.5
104
NTC-T225K20TRAF
2.2*
20
6%
0.5
6.0
108
NTC-T225K20TRBF
2.2
20
4%
0.5
3.5
151
NTC-T335K20TRAF
3.3*
20
6%
0.66
5.0
118
NTC-T335K20TRBF
3.3*
20
6%
0.66
3.0
163
NTC-T475K20TRAF
4.7*
20
6%
0.94
5.0
118
NTC-T475K20TRBF
4.7*
20
6%
0.94
3.0
163
NTC-T475K20TRCF
4.7
20
4%
0.94
2.4
214
NTC-T685K20TRBF
6.8*
20
6%
1.36
2.8
169
NTC-T685K20TRCF
6.8
20
6%
1.36
1.9
241
NTC-T106K20TRBF
10*
20
6%
2.0
2.5
179
NTC-T106K20TRCF
10*
20
6%
2.0
1.8
247
NTC-T106K20TRDF
10
20
6%
2.0
1.3
340
NTC-T156K20TRCF
15*
20
6%
3.0
1.7
254
NTC-T156K20TRDF
15
20
6%
3.0
0.8
433
NTC-T226K20TRCF
22*
20
6%
4.4
1.5
271
NTC-T226K20TRDF
22*
20
6%
4.4
0.8
433
NTC-T336K20TRDF
33*
20
6%
6.6
0.8
433
NTC-T476K20TRDF
47*
20
6%
9.4
0.8
433
NTC-T474K25TRAF
0.47
25
4%
0.5
14
71
NTC-T684K25TRAF
0.68*
25
6%
0.5
10
84
NTC-T105K25TRAF
1*
25
6%
0.5
8.0
94
NTC-T155K25TRAF
1.5*
25
6%
0.5
8.0
94
NTC-T155K25TRBF
1.5
25
4%
0.5
4.6
132
NTC-T225K25TRAF
2.2*
25
6%
0.55
8.0
94
NTC-T225K25TRBF
2.2
25
6%
0.55
4.0
141
NTC-T335K25TRBF
3.3*
25
6%
0.83
3.5
151
NTC-T335K25TRCF
3.3
25
4%
0.83
2.5
210
NTC-T475K25TRBF
4.7*
25
6%
1.18
3.0
163
NTC-T475K25TRCF
4.7
25
4%
1.18
2.4
214
NTC-T685K25TRBF
6.8
25
6%
1.7
2.5
179
Tantalum Chip Capacitors
NTC-T Series
STANDARD AND EXTENDED PRODUCT SPECIFICATIONS TABLE
*Extended Case Sizes
Note: 20% (M) tolerance parts available special order


Similar Part No. - NTC-T157K2.5TRBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTC-T157K2.5TRBF NIC-NTC-T157K2.5TRBF Datasheet
107Kb / 7P
   Tantalum Chip Capacitors
NTC-T157K2.5TRBF NIC-NTC-T157K2.5TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T157K2.5TRBF NIC-NTC-T157K2.5TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T157K2.5TRBF NIC-NTC-T157K2.5TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
More results

Similar Description - NTC-T157K2.5TRBF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com