Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT90MPA Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # DNT90MPA
Description  Low Cost 900 MHz FHSS Transceiver Module with I/O
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DNT90MPA Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  DNT90MPA Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pin
Name
I/O
Description
24
ADC2
I
ADC input 2. Direct input when the ADC is operating in single-ended mode, positive differential input rela-
tive to ADC0 when the ADC is operating in differential mode.
25
ADC_EXT_
REF
I/O
ADC external reference voltage pin. The voltage at this pin can be used by the ADCs as a reference for
ratiometric measurements. With no external voltage or load applied, this pin presents a nominal 2.7 V out-
put through a 2.126 K source resistance. A low impedance external reference voltage in the range of 1 to
2.7 V may be applied to this pin as an option.
26
RSVD
-
Reserved pin. Leave unconnected.
27
RSVD
-
Reserved pin. Leave unconnected.
28
GND
-
Connect to the host circuit board ground plane.
29
RSVD
-
Reserved pin. Leave unconnected.
30
GND
-
Connect to the host circuit board ground plane.
www.RFM.com E-mail: info@rfm.com
Page5of7
© 2012 by RF Monolithics, Inc.
DNT90MCA/MPA - 09/26/12


Similar Part No. - DNT90MPA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT90MP MURATA-DNT90MP Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90MP MURATA-DNT90MP Datasheet
894Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceivers
More results

Similar Description - DNT90MPA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT90C MURATA-DNT90C Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90P MURATA-DNT90P Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT900P MURATA-DNT900P Datasheet
543Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90MP MURATA-DNT90MP Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90CA MURATA-DNT90CA Datasheet
158Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT900DK MURATA-DNT900DK Datasheet
51Kb / 1P
   900 MHz FHSS Transceiver Module with I/O Development Kit
DNT24PA MURATA-DNT24PA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MP MURATA-DNT24MP Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24CA MURATA-DNT24CA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT2400P MURATA-DNT2400P Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com