Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

923212 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 923212
Description  ERmet Messerleiste A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

923212 Datasheet(HTML) 1 Page - ERNI Electronics

  923212 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10 x 2 =
10 x 2 =
Information: R1, R2, R3 Level 1, 2, 3
siehe Bestückungsplan/
see contact layout
Angaben zu entsprechender Ident-Nr. siehe Fertigungsunterlagen
For further information about I.D.number see manufacturing document
ohne Fixierstift /
without locating peg
8
6
15,4
10
5 x 2 =
2
Fehlende Maße und Angaben nach IEC 61076-4-101
Missing information and dimensions per 61076-4-101
1) ø 0,6
Durchmesser des metallisierten Loches
ø 0,6
Diameter of finished plated-through hole
ø 0,7
Diameter of drilled hole
ø 0,7
Bohrungsdurchmesser des Loches
±0,02
±0,02
±0,05
±0,05
Schichtaufbau im metallisierten Loch siehe Zeichnung 114406
Metal plating of plated-through hole see drawing 114406
Index
Date
Scale
Designation
Tolerances
923212
ERmet Messerleiste A
ERmet Male Wide Type A
2:1
a
18.06.2001
I
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
M:00020559.SZN
1 max
1 max
50 max
25
15
11
1
z
a
b
c
d
e
f
8.2
+0.2
9.7
+0.2
11.2
+0.2
13±0.2
14.5 ±0.2
16 ±0.2
3.7 ±0.3
4.5 ±0.3
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
Bezugsebene Tiefe
Datum plane depth
Level 3
Ebene -
Ebene - Level 2
Ebene - Level 1
P2
P1
U
1
R
3
R
2
R
1
13±0.3
5.3
6.8
8.3 ±0.1
±0.1
±0.1
a
b
c
d
e
f
25 24 23 22 21 20 19 18 17 16 15
11 10 9 8 7 6 5 4 3 2
1
Bestueckungsplan -
contact layout
z
All Dimensions
in mm
Elektroapparate GmbH
D-73099 ADELBERG
2
Ausrichtstreifen
Alignment strip
10x2=
20
8
10x2=
20
EE-Zone fuer durchkontaktierte
Loecher ø0.6
±0.05
compliant zone for thru hole
ø0.6
±0.05
Id.-Nr.
Date Code
0.1
alle Loecher
25
15
11
1
z
a
b
c
d
e
f
all holes
Lochbild fuer Leiterplatte
(Bestueckungsseite)
Board hole pattern
(Component mounting side)
1)
2
( 20 )
( 20 )


Similar Part No. - 923212

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
92321-1440 MOLEX11-92321-1440 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50??Cable Assembly, QF-50??to-QF-50?? 14 Circuits
92321-3420 MOLEX11-92321-3420 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 34 Circuits, 0.20m (7.87") Length
More results

Similar Description - 923212

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100203210058 ERNI-100203210058 Datasheet
151Kb / 1P
   ERmet Messerleiste A
100101870001 ERNI-100101870001 Datasheet
148Kb / 1P
   ERmet Messerleiste A
064688 ERNI-064688 Datasheet
84Kb / 1P
   ERmet Messerleiste A
053007 ERNI-053007 Datasheet
90Kb / 1P
   ERmet Messerleiste A
923229 ERNI-923229 Datasheet
399Kb / 1P
   ERmet Messerleiste A
923347 ERNI-923347 Datasheet
87Kb / 1P
   ERmet Messerleiste A
923378 ERNI-923378 Datasheet
88Kb / 1P
   ERmet Messerleiste A
100403060001 ERNI-100403060001 Datasheet
85Kb / 1P
   ERmet Messerleiste A
134802 ERNI-134802 Datasheet
89Kb / 1P
   ERmet Messerleiste A
223996 ERNI-223996 Datasheet
95Kb / 1P
   ERmet Messerleiste A
923197 ERNI-923197 Datasheet
82Kb / 1P
   ERmet Messerleiste A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com