Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT2400C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DNT2400C
Description  Low Cost 2.4 GHz FHSS Transceiver Module with I/O
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DNT2400C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DNT2400C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DNT2400C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DNT2400C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DNT2400C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DNT2400C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DNT2400C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DNT2400C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DNT2400 Hardware
The major components of the DNT2400 include a 2.4 GHz
FHSS transceiver and a low current 32-bit microcontroller.
The DNT2400 operates in the 2.4 GHz ISM band. The
module includes nine frequency subbands and 37 total fre-
quency channels to support the various 2.4 GHz frequency
allocations used throughout the world. The DNT2400 has
three selectable RF output power levels: 1, 10, and 63
mW. Also, there are four selectable RF transmission rates:
38.4, 115.2, 200 and 500 kb/s.
The DNT2400 includes a low-noise receiver preamplifier
and a high efficiency transmitter amplifier, providing excel-
lent range in outdoor applications.
The DNT2400 provides a variety of hardware interfaces.
There are two serial ports plus one SPI port. Either the pri-
mary serial port or the SPI port can be selected for data
communications. The second serial port is dedicated to di-
agnostics. The primary and diagnostic serial ports support
standard rates from 1.2 to 460.8 kb/s. The SPI port sup-
ports data rates from 6.35 to 80.64 kb/s. Also included are
three 10-bit ADC inputs, two 8-bit PWM outputs, and six
general-purpose digital I/O ports. Four of the digital I/O
ports support an optional interrupt-from-sleep mode when
configured as inputs.
The radio is available in two mounting configurations.
The DNT2400C is designed for solder reflow mounting,
and the DNT2400P is designed for plug-in connector
mounting.
DNT2400 Firmware
The DNT2400 firmware can operate using either TDMA or
CSMA channel access modes. TDMA supports up to 16
remotes with rapid, deterministic channel latency. CSMA
provides carrier-sense managed channel access for an
unlimited number of low-traffic remotes. DNT2400 firm-
ware will operate “out of the box” using point-to-point trans-
parent serial mode, with point-to-multipoint, peer-to-peer
and tree-routing network topologies also supported.
DNT2400 firmware provides the user with a rich set of con-
figuration options including a choice of hopping patterns,
hopping dwell times, RF data rates, serial or SPI data port
operation, serial and SPI data rate selection, RF output
power selection, plus configurable analog and digital I/O
lines. Data integrity is protected by 24-bit error detection,
with optional ACK and automatic transmission retries or
redundant transmissions. 128-bit AES encryption provides
a high level of data security for sensitive applications. Sen-
sor networks can take advantage of timer or event-based
data reporting and remote node sleep cycling for extended
battery life.
www.RFM.com E-mail: info@rfm.com
Page3of7
©2009-2010 by RF Monolithics, Inc.
DNT2400 - 04/29/10
2 3
2 4
2 5
2 6
2 7
2 8
2 2
2 1
2 9
3 0
3 1
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
8
7
6
5
D N T 2 4 0 0 B l o c k D i a g r a m
3 2
3 3
3 4
3 6
M i c r o c o n t r o l l e r
4
3
2
1
R e g
F i l t e r
F i l t e r
V C C
P W M 0
P W M 1
G P I O 0
G P I O 1
G P I O 2
G P I O 3
G N D
R F
T r a n s c e i v e r
C L K
I N T
C S n
R F I O
T / R
T / R
P W R
P R E
F i l t e r
3 5
1 9
2 0
3 7
3 8
3 9
4 0
S I
S O
P K T D E T
R e g
3 . 3 V
3 . 6 V
P K T _ D E T
R S V D
A D C _ R E F
R S S I
S L E E P
A D C 2
A D C 1
A D C 0
E X _ S Y N C
D I A G _ T X
D I A G _ R X
/ C F G
R F I O
Figure 1


Similar Part No. - DNT2400C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT2400 MURATA-DNT2400 Datasheet
1Mb / 7P
   2.4 GHz Frequency Hopping Spread Spectrum Transceiver
DNT2400DK MURATA-DNT2400DK Datasheet
79Kb / 1P
   2.4 GHz Frequency Hopping TransceiverModule Development Kit
DNT2400P MURATA-DNT2400P Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
More results

Similar Description - DNT2400C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT24PA MURATA-DNT24PA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MP MURATA-DNT24MP Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24CA MURATA-DNT24CA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT2400P MURATA-DNT2400P Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24P MURATA-DNT24P Datasheet
150Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MC MURATA-DNT24MC Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MCA MURATA-DNT24MCA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24C MURATA-DNT24C Datasheet
150Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT90C MURATA-DNT90C Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90P MURATA-DNT90P Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com