Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NST10-334-440TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NST10-334-440TRF
Description  Surface Mount NTC Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NST10-334-440TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NST10-334-440TRF Datasheet HTML 1Page - NIC-Components Corp. NST10-334-440TRF Datasheet HTML 2Page - NIC-Components Corp. NST10-334-440TRF Datasheet HTML 3Page - NIC-Components Corp. NST10-334-440TRF Datasheet HTML 4Page - NIC-Components Corp. NST10-334-440TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
67
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount NTC Thermistors
NST Series
NST04 Part Number
Resistance Value
+25°C
Beta Value
(B25/50)
Maximum
Operating
Current (mA)
Termal Time
Constant
(sec.)
Dissipation
Factor
(mW/°C)
Rated
Power
(mW)
NST04_ _220_338TRF
22
3380
6.7
<3sec
1
100
NST04_ _400_338TRF
40
3380
5
NST04_ _101_338TRF
100
3380
3.1
NST04_ _151_338TRF
150
3380
2.5
NST04_ _221_345TRF
220
3450
2.1
NST04_ _331_345TRF
330
3450
1.7
NST04_ _471_345TRF
470
3450
1.4
NST04_ _681_345TRF
680
3450
1.2
NST04_ _102_345TRF
1K
3450
1
NST04_ _152_395TRF
1.5K
3950
0.81
NST04_ _222_395TRF
2.2K
3950
0.67
NST04_ _332_395TRF
3.3K
3950
0.55
NST04_ _472_395TRF
4.7K
3950
0.46
NST04_ _682_395TRF
6.8K
3950
0.38
NST04_ _103_338TRF
10K
3380
0.31
NST04_ _153_345TRF
15K
3450
0.25
NST04_ _223_345TRF
22K
3450
0.21
NST04_ _333_350TRF
33K
3500
0.14
NST04_ _473_410TRF
47K
4100
0.12
NST04_ _503_410TRF
50K
4100
0.12
NST04_ _683_415TRF
68K
4150
0.11
NST04_ _104_415TRF
100K
4150
0.1
NST04_ _154_415TRF
150K
4150
0.08
NST04_ _224_425TRF
220K
4250
0.06
NST04_ _334_430TRF
330K
4300
0.05
NST04_ _474_435TRF
470K
4350
0.04
NST04_ _684_440TRF
680K
4400
0.03
_ _ Insert Beta temp. code (D=+25°C~+50°C, A=+25°C~+85°C, E=+25°C~+105°C) & resistance tol. code (F=1%,
H=±3%, J=±5%, K=±10%)
NST04 (0402 CASE SIZE) STANDARD VALUES AND SPECIFICATIONS
_ Insert Beta tolerance code (F = 1%, H = ±3%)
Contact NIC regarding availability of resistance and beta values not shown.


Similar Part No. - NST10-334-440TRF

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NST10H MICRONETICS-NST10H Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 2 GHz to 10 GHz
More results

Similar Description - NST10-334-440TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232261545472 VISHAY-232261545472 Datasheet
137Kb / 10P
   Surface Mount, NTC Thermistors
Revision: 16-Jan-04
logo
NIC-Components Corp.
NCT NIC-NCT Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
logo
Vishay Siliconix
23226152 VISHAY-23226152 Datasheet
83Kb / 5P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
23226153 VISHAY-23226153 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
23226151 VISHAY-23226151 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
232261554222 VISHAY-232261554222 Datasheet
115Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
NTHS VISHAY-NTHS Datasheet
98Kb / 3P
   NTC Thermistors, Surface Mount Chip
Revision 06-Oct-06
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com