Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3005 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # TR3005
Description  403.50 MHz Hybrid Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR3005 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button TR3005 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR3005 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR3005 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR3005 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR3005 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR3005 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TR3005 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TR3005 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TR3005 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Pin
Name
Description
8
TXMOD
The transmitter RF output voltage is proportional to the input current to this pin. A series resistor is used to adjust
the peak transmitter output voltage. 0 dBm output power requires about 250 µA of input current. In the ASK mode,
minimum output power occurs when the modulation driver sinks about 10 µA of current from this pin. In the OOK
mode, input signals less than 220 mV completely turn the transmitter oscillator off. Internally, this pin appears to
be a diode in series with a small resistor. Peak transmitter output power PO for a 3 Vdc supply voltage is approxi-
mately:
PO = 16*(ITXM)
2, where P
O is in mW, and the peak modulation current ITXM is in mA
A ±5% resistor value is recommended. In the OOK mode, this pin is usually driven with a logic-level data input
(unshaped data pulses). OOK modulation is practical for data pulses of 30 µs or longer. In the ASK mode, this pin
accepts analog modulation (shaped or unshaped data pulses). ASK modulation is practical for data pulses 8.7 µs
or longer. The resistor driving this pin must be low in the receive and power-down (sleep) modes. Please refer to
the ASH Transceiver Designer’s Guide for additional information on modulation techniques.
9
LPFADJ
This pin is the receiver low-pass filter bandwidth adjust. The filter bandwidth is set by a resistor RLPF between this
pin and ground. The resistor value can range from 330 K to 820 ohms, providing a filter 3 dB bandwidth fLPF from
4.5 kHz to 1.8 MHz. The resistor value is determined by:
RLPF = 1445/ fLPF, where RLPF is in kilohms, and fLPF is in kHz
A ±5% resistor should be used to set the filter bandwidth. This will provide a 3 dB filter bandwidth between fLPF
and 1.3* fLPF with variations in supply voltage, temperature, etc. The filter provides a three-pole, 0.05 degree
equiripple phase response. The peak drive current available from RXDATA increases in proportion to the filter
bandwidth setting.
10
GND2
GND2 is an IC ground pin. It should be connected to GND1 by a short, low inductance trace.
11
RREF
RREF is the external reference resistor pin. A 100 K reference resistor is connected between this pin and ground.
A ±1% resistor tolerance is recommended. It is important to keep the total capacitance between ground, Vcc and
this node to less than 5 pF to maintain current source stability. If THLD1 and/or THDL2 are connected to RREF
through resistor values less that 1.5 K, their node capacitance must be added to the RREF node capacitance and
the total should not exceed 5 pF.
12
THLD2
THLD2 is the “dB-below-peak” data slicer (DS2) threshold adjust pin. The threshold is set by a 0 to 200 K resistor
RTH2 between this pin and RREF. Increasing the value of the resistor decreases the threshold below the peak de-
tector value (increases difference) from 0 to 120 mV. For most applications, this threshold should be set at 6 dB
below peak, or 60 mV for a 50%-50% RF amplifier duty cycle. The value of the THLD2 resistor is given by:
RTH2 = 1.67*V, where RTH2 is in kilohms and the threshold V is in mV
A ±1% resistor tolerance is recommended for the THLD2 resistor. Leaving the THLD2 pin open disables the
dB-below-peak data slicer operation.
13
THLD1
The THLD1 pin sets the threshold for the standard data slicer (DS1) through a resistor RTH1 to RREF. The thresh-
old is increased by increasing the resistor value. Connecting this pin directly to RREF provides zero threshold.
The value of the resistor depends on whether THLD2 is used. For the case that THLD2 is not used, the accept-
able range for the resistor is 0 to 100 K, providing a THLD1 range of 0 to 90 mV. The resistor value is given by:
RTH1 = 1.11*V, where RTH1 is in kilohms and the threshold V is in mV
For the case that THLD2 is used, the acceptable range for the THLD1 resistor is 0 to 200 K, again providing a
THLD1 range of 0 to 90 mV. The resistor value is given by:
RTH1 = 2.22*V, where RTH1 is in kilohms and the threshold V is in mV
A ±1% resistor tolerance is recommended for the THLD1 resistor. Note that a non-zero DS1 threshold is required
for proper AGC operation.
14
PRATE
The interval between the falling edge of an ON pulse to the first RF amplifier and the rising edge of the next ON
pulse to the first RF amplifier tPRI is set by a resistor RPR between this pin and ground. The interval tPRI can be ad-
justed between 0.1 and 5 µs with a resistor in the range of 51 K to 2000 K. The value of RPR is given by:
RPR = 404* tPRI + 10.5, where tPRI is in µs, and RPR is in kilohms
A ±5% resistor value is recommended. When the PWIDTH pin is connected to Vcc through a 1 M resistor, the RF
amplifiers operate at a nominal 50%-50% duty cycle, facilitating high data rate operation. In this case, the period
tPRC from start-to-start of ON pulses to the first RF amplifier is controlled by the PRATE resistor over a range of 0.1
to 1.1 µs using a resistor of 11 K to 220 K. In this case the value of RPR is given by:
RPR = 198* tPRC - 8.51, where tPRC is in µs and RPR is in kilohms
A ±5% resistor value should also be used in this case. Please refer to the ASH Transceiver Designer’s Guide for
additional amplifier duty cycle information. It is important to keep the total capacitance between ground, Vcc and
this pin to less than 5 pF to maintain stability.
10


Similar Part No. - TR3005

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR3005 RFM-TR3005 Datasheet
192Kb / 12P
   403.50 MHz Hybrid Transceiver
More results

Similar Description - TR3005

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR3005 RFM-TR3005 Datasheet
192Kb / 12P
   403.50 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR8001 MURATA-TR8001 Datasheet
449Kb / 15P
   868.35 MHz Hybrid Transceiver
TR8000 MURATA-TR8000 Datasheet
367Kb / 15P
   916.5 MHz Hybrid Transceiver
TR7003 MURATA-TR7003 Datasheet
367Kb / 15P
   303.825 MHz Hybrid Transceiver
TR3006HS MURATA-TR3006HS Datasheet
785Kb / 12P
   314.00 MHz Hybrid Transceiver
TR1001 MURATA-TR1001 Datasheet
235Kb / 12P
   868.35 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR8001 RFM-TR8001 Datasheet
148Kb / 14P
   868.35 MHz Hybrid Transceiver
TR1100 RFM-TR1100 Datasheet
119Kb / 12P
   916.50 MHz Hybrid Transceiver
TR1001 RFM-TR1001 Datasheet
85Kb / 12P
   868.35 MHz Hybrid Transceiver
TR3003 RFM-TR3003 Datasheet
86Kb / 12P
   303.825 MHz Hybrid Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com