Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR7000 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # TR7000
Description  433.92 MHz Hybrid Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR7000 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button TR7000 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR7000 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR7000 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR7000 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR7000 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR7000 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TR7000 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TR7000 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TR7000 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 8 of 15
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
TR7000-11062007
Receiver Turn-On Timing
The maximum time tPR required for the receive function to become opera-
tional at turn-on is influenced by two factors. All receiver circuitry will be op-
erational 1 ms after the supply voltage reaches 2.2 Vdc. The BBOUT-
CMPIN coupling-capacitor is then DC stabilized in 4 time constants
(4*tBBC). The total turn-on time to stable receiver operation for a 10 ms
power supply rise time is:
tPR = 15 ms + 4*tBBC
Receiver Wake-Up Timing
The maximum transition time tSR from the sleep mode to the receive mode
is 4*tBBC, where tBBC is the BBOUT-CMPIN coupling-capacitor time con-
stant. When the operating temperature is limited to 60°C, the time
required to switch from sleep to receive is dramatically less for short sleep
times, as less charge leaks away from the BBOUT-CMPIN coupling
capacitor.
AGC Timing
The maximum AGC engage time tAGC is 5 µs after the reception
of a -30 dBm RF signal with a 1 µs envelope rise time.
Peak Detector Timing
The Peak Detector attack time constant is set by the value of the capacitor
at the PKDET pin. The attack time tPKA =CPKD/4167, where tPKA is in µs
and CPKD is in pF. The Peak Detector decay time constant
tPKD = 1000*tPKA.
Data Rate (b/s)
CFG1 Bits 3-0
1200
0000
2400
0001
4800
0010
9600
0011
19200
0100
38400
0101
57600
0110
115200
0111
230400
1000


Similar Part No. - TR7000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
   433.92 MHz Hybrid Transceiver
More results

Similar Description - TR7000

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
   433.92 MHz Hybrid Transceiver
TR3000 RFM-TR3000 Datasheet
86Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR3100 MURATA-TR3100 Datasheet
408Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3100 RFM-TR3100 Datasheet
107Kb / 12P
   433.92 MHz Hybrid Transceiver
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
TX5000 RFM-TX5000 Datasheet
73Kb / 6P
   433.92 MHz Hybrid Transmitter
RX5500 RFM-RX5500 Datasheet
89Kb / 10P
   433.92 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
DR7000 MURATA-DR7000 Datasheet
400Kb / 7P
   433.92 MHz Transceiver Module
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
   433.92/868.35 MHz Hybrid Transmitter
logo
RF Monolithics, Inc
DM1800-434MN RFM-DM1800-434MN Datasheet
344Kb / 4P
   433.92 MHz Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com