Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVR14K820S-F Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NVR14K820S-F
Description  Leaded Metal Oxide Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR14K820S-F Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NVR14K820S-F Datasheet HTML 4Page - NIC-Components Corp. NVR14K820S-F Datasheet HTML 5Page - NIC-Components Corp. NVR14K820S-F Datasheet HTML 6Page - NIC-Components Corp. NVR14K820S-F Datasheet HTML 7Page - NIC-Components Corp. NVR14K820S-F Datasheet HTML 8Page - NIC-Components Corp. NVR14K820S-F Datasheet HTML 9Page - NIC-Components Corp. NVR14K820S-F Datasheet HTML 10Page - NIC-Components Corp. NVR14K820S-F Datasheet HTML 11Page - NIC-Components Corp. NVR14K820S-F Datasheet HTML 12Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Leaded Metal Oxide Varistors
NVR Series
Type
Description
Type 2
Permanently connected SPDs intended for installation on the load side of the service equipment overcurrent
device; including SPDs located at the branch panel.
Type 3
Point of utilization SPDs, installed at a minimum conductor length of 10 meters (30 feet) from the electrical service
panel to the point of utilization, for example cord connected, direct plug-in, receptacle type and SPDs installed at
the utilization equipment being protected. See marking in 64.2. The distance (10 meters) is exclusive of conductors
provided with or used to attach SPDs.
TABLE 1 - DEFINITION OF UL SPD APPLICATION TYPES
Type 3 (Minimum of 30 feet of
conductor between service
disconnect and SPD)
Type 2 (SPD located after
service disconnect)
Type 3 applications include SPDs that are cord-connected, plugged directly into the socket or integrated in the outlet. They must be installed a
minimum of 10 meters (30 feet) from the electrical service panel. An example would be a home appliance that is installed beyond 10 meters (30
feet) from the electrical service panel, and it uses varistors in power in for surge protection, the Varistor should meet SPD Type 3.
Type 2 applications include indoor AC applications located after the service disconnection.
TABLE 2 - Other applications as described in the table below:
EXAMPLES OF SPD APPLICATION TYPES
Intended End-Use
(SPD Type)
NVR Sizes
(Values)
Part Diameter
Voltage Protective Rating
Test & Waveform
Waveform Peak
Voltage (Vp)
Peak Current
(Ap)
Other
Applications
NVR05 (180 ~ 680)
5mm
600V (1.2x50uS*)
50V (8x20uS**)
NVR05 (820 ~ 471)
NVR10 (180 ~ 680)
5mm
10mm
3000V (1.2x50uS*)
250V (8x20uS**)
NVR7 (180 ~ 680)
7mm
1200V (1.2x50uS*)
100V (8x20uS**)
NVR7 (820 ~ 821)
NVR14 (180 ~ 680)
7mm
14mm
1000V (1.2x50uS*)
500V (8x20uS**)
NVR7 (820 ~ 821)
NVR14 (180 ~ 680)
7mm
14mm
2000V (1.2x50uS*)
1000V (8x20uS**)
For SPD
Type 3
NVR14 (820 ~ 182)
NVR20 (820 ~ 182)
14mm
20mm
6000V (1.2x50uS*)
3000V (8x20uS**)
Notes:
* 1.2x50uS - 1.2uSec. rise time and 50uSec fall time
** 8x20uS - 8uSec. rise time and 20uSec fall time
Industry standard benchmark to quantify the component’s response to a typically fast transient


Similar Part No. - NVR14K820S-F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVR1P02 ONSEMI-NVR1P02 Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
NVR1P02T1 ONSEMI-NVR1P02T1 Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
135Kb / 5P
   Power MOSFET
October, 2011 ??Rev. 6
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
logo
VBsemi Electronics Co.,...
NVR1P02T1G VBSEMI-NVR1P02T1G Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NVR14K820S-F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com