Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVR14K680S-F Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NVR14K680S-F
Description  Leaded Metal Oxide Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR14K680S-F Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NVR14K680S-F Datasheet HTML 2Page - NIC-Components Corp. NVR14K680S-F Datasheet HTML 3Page - NIC-Components Corp. NVR14K680S-F Datasheet HTML 4Page - NIC-Components Corp. NVR14K680S-F Datasheet HTML 5Page - NIC-Components Corp. NVR14K680S-F Datasheet HTML 6Page - NIC-Components Corp. NVR14K680S-F Datasheet HTML 7Page - NIC-Components Corp. NVR14K680S-F Datasheet HTML 8Page - NIC-Components Corp. NVR14K680S-F Datasheet HTML 9Page - NIC-Components Corp. NVR14K680S-F Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Leaded Metal Oxide Varistors
NVR Series
NVR20 SPECIFICATIONS (SPD TYPE 3 APPLICATIONS)
Part Number
Varistor
Voltage
(1mA DC)
Max.
Operating
Voltage
Max. Clamping
Voltage
(8/20
μS)
Max. Surge
Current
(8/20
μS)
Rated
Power
Max.
Energy
(10/1000
μs)
Ref.
Capacitance
@ 1KHz
W ± 1.0
UL1449
3rd Rev.
SPD
Appl.
V (1mA)
Vac
(rms)
Vdc
Ip (A)
Vp
I max. (A)
Watts
Joules
pF
mm
NVR20K180S_ _F
18(16~20)
11
14
20
36
2000
0.2
11
19000
1.3
for SPD
Type 3
Appl.
(See page
8, tables
1 & 2)
NVR20K220S_ _F
22(20~24)
14
18
20
43
2000
0.2
14
16000
1.4
NVR20K270S_ _F
27(24~30)
17
22
20
53
2000
0.2
18
14500
1.5
NVR20K330S_ _F
33(30~36)
20
26
20
65
2000
0.2
23
13000
1.7
NVR20K390S_ _F
39(35~43)
25
31
20
77
2000
0.2
26
12000
1.7
NVR20K470S_ _F
47(42~52)
30
38
20
93
2000
0.2
33
11000
1.8
NVR20K560S_ _F
56(50~62)
35
45
20
110
2000
0.2
41
9000
2.0
NVR20K680S_ _F
68(61~75)
40
56
20
135
2000
0.2
46
7500
2.2
NVR20K820S_ _F
82(74~90)
50
65
100
135
6500
1
48
4800
1.8
NVR20K101S_ _F
100(90~110)
60
85
100
165
6500
1
51
3900
2.0
NVR20K121S_ _F
120(108~132)
75
100
100
200
6500
1
55
3300
2.2
NVR20K151S_ _F
150(135~165)
95
125
100
250
6500
1
70
1950
2.0
NVR20K181S_ _F
180(162~198)
115
150
100
300
6500
1
84
1620
1.8
NVR20K201S_ _F
200(180~220)
130
170
100
340
6500
1
95
1460
1.9
NVR20K221S_ _F
220(198~242)
140
180
100
360
6500
1
100
1320
1.9
NVR20K241S_ _F
240(216~264)
150
200
100
395
6500
1
108
1200
2.0
NVR20K271S_ _F
270(243~297)
175
225
100
455
6500
1
127
1100
2.1
NVR20K301S_ _F
300(270~330)
195
250
100
500
6500
1
136
1000
2.3
NVR20K331S_ _F
330(297~363)
215
275
100
550
6500
1
150
950
2.4
NVR20K361S_ _F
360(324~396)
230
300
100
595
6500
1
163
900
2.5
NVR20K391S_ _F
390(351~429)
250
320
100
650
6500
1
180
800
2.7
NVR20K431S_ _F
430(387~473)
275
350
100
710
6500
1
190
700
2.7
NVR20K471S_ _F
470(423~517)
300
385
100
775
6500
1
220
620
2.8
NVR20K511S_ _F
510(459~561)
320
410
100
845
6500
1
220
530
3.0
NVR20K561S_ _F
560(504~616)
350
450
100
930
6500
1
220
480
3.2
NVR20K621S_ _F
620(558~682)
395
510
100
1020
6500
1
220
450
3.4
NVR20K681S_ _F
680(612~748)
420
560
100
1120
6500
1
230
440
3.6
NVR20K751S_ _F
750(675~825)
465
615
100
1235
6500
1
255
420
3.9
NVR20K821S_ _F
820(738~902)
510
670
100
1355
6500
1
282
390
3.6
NVR20K911S_ _F
910(819~1001)
550
745
100
1500
6500
1
310
360
3.9
NVR20K102S_ _F
1000(900~1100)
625
825
100
1650
6500
1
342
330
4.2
NVR20K112S_ _F
1100(990~1210)
680
895
100
1815
6500
1
383
310
4.5
NVR20K122S_ _F
1200
(1080-1320)
725
975
100
1980
6500
1
415
290
5.4
NVR20K142S_ _F
1400
(1260-1540)
820
1140
100
2300
6500
1
480
250
6.2
NVR20K162S_ _F
1600
(1440-1760)
910
1300
100
2630
6500
1
550
220
6.9
NVR20K182S_ _F
1800
(1620-1980)
1000
1465
100
2950
6500
1
620
195
7.6


Similar Part No. - NVR14K680S-F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVR1P02 ONSEMI-NVR1P02 Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
NVR1P02T1 ONSEMI-NVR1P02T1 Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
135Kb / 5P
   Power MOSFET
October, 2011 ??Rev. 6
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
logo
VBsemi Electronics Co.,...
NVR1P02T1G VBSEMI-NVR1P02T1G Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NVR14K680S-F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com