Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVR07K390S-F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NVR07K390S-F
Description  Leaded Metal Oxide Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR07K390S-F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NVR07K390S-F Datasheet HTML 1Page - NIC-Components Corp. NVR07K390S-F Datasheet HTML 2Page - NIC-Components Corp. NVR07K390S-F Datasheet HTML 3Page - NIC-Components Corp. NVR07K390S-F Datasheet HTML 4Page - NIC-Components Corp. NVR07K390S-F Datasheet HTML 5Page - NIC-Components Corp. NVR07K390S-F Datasheet HTML 6Page - NIC-Components Corp. NVR07K390S-F Datasheet HTML 7Page - NIC-Components Corp. NVR07K390S-F Datasheet HTML 8Page - NIC-Components Corp. NVR07K390S-F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Leaded Metal Oxide Varistors
NVR Series
FEATURES
• GENERAL PURPOSE TRANSIENT VOLTAGE PROTECTION
MEETS UL1449 REV. 3 (File # E357747) FOR SURGE PROTECTIVE DEVICES
• CURRENT WITHSTANDING (1x UP TO 6,500A)
• TEMPERATURE RANGE -40°C ~ +85°C
• VARISTOR VOLTAGE UP TO 1,800V
• LOW CLAMPING VOLTAGES
• FLOW SOLDERING COMPATIBLE
Type
Dia.
H max.
H1 max.
T max.
L min.
L1 min.
F ± 1.0
W ± 1.0
d ± 0.05
NVR05
5.0 ~ 7.0
9.0
9.5
3.9 ~ 6.4
26.5
20
5.0
See Part
Specifications
Tables
0.6
NVR07
6.5 ~ 9.0
11.5
11.5
3.9 ~ 6.4
26.5
20
5.0
0.6
NVR10
9.5 ~ 13.5
15.5
16.0
4.3 ~ 10.3
26.5
20
7.5
0.8
NVR14
13.5 ~ 16.0
19.0
19.0
4.3 ~ 10.3
26.5
20
7.5
0.8
NVR20
19.5 ~ 22.0
26.5
26.5
4.7 ~ 10.7
22.5
20
10
1.0
CASE SIZE DIMENSIONS (mm)
NVR LEAD STYLES
"S" STRAIGHT LEADS
D
H
L
F
d
(side view)
T
W
"Y" CRIMP (Code "G")
(side view)
D
H1
T
L1
F
d
MARKING
NVR05, 07 & 10
NVR14 & 20
NVR
241
NIC/NVR
241
xxxx
MFG & Series Code
Varistor Voltage
Date Code
Series Code
Varistor Voltage
Lead ConfigurationCode
Description
S
Straight with long leads
G
Y Crimp with long leads
C
.
Cut Leads (Bulk only)
C.20 = Cut 0.20" lead length ±0.02"
C.25 = Cut 0.25" lead length ±0.02"
NVR 07
K 180
F
RoHS compliant & Halogen Free
Packaging options: Blank = Bulk
TB = Ammo Pack (12.7mm hole pitch), TB15 (15mm hole pitch),
TR = Tape & Reel (12.7mm hole pitch) TR15 (15mm hole pitch)
Varistor Voltage: See specifications tables
Element diameter: 05=5mm, 07=7mm, 10 = 10mm, 14 = 14mm, 20 = 20mm
Series
PART NUMBERING SYSTEM
Lead options: See table below*
Parts packaged on TB and TR are only available with long leads
Varistor voltage tolerance: K = ±10% (contact NIC for other tolerance options)
R
R = Non-standard type 2 classification (20mm diameter only)
*Contact NIC for other options.


Similar Part No. - NVR07K390S-F

ManufacturerPart #DatasheetDescription
logo
Level One
NVR-0104 LVL1-NVR-0104 Datasheet
817Kb / 3P
   4-CH Network Video Recorder
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
   Network Video Recorder
NVR-0204 LVL1-NVR-0204 Datasheet
915Kb / 3P
   Supports smart camera search and 2-way audio
NVR-0316 LVL1-NVR-0316 Datasheet
485Kb / 3P
   16-Channel Network Video Recorder
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
   Network Video Recorder
More results

Similar Description - NVR07K390S-F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com