Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-LX6R8M400V12.5x16F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRE-LX6R8M400V12.5x16F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-LX6R8M400V12.5x16F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRE-LX6R8M400V12.5x16F Datasheet HTML 1Page - NIC-Components Corp. NRE-LX6R8M400V12.5x16F Datasheet HTML 2Page - NIC-Components Corp. NRE-LX6R8M400V12.5x16F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-LX Series
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
8
10
12.5
16
18
Lead Dia. (d
φ)
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
0.5
0.5
0.5
0.5
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Load Life Hours
@ +85°C
NRE-LX471M6.3V8x9F
470
6.3
0.26
380
2,000
NRE-LX681M6.3V8x9F
680
0.26
420
2,000
NRE-LX102M6.3V10x9F
1,000
0.26
550
2,000
NRE-LX222M6.3V12.5x16F
2,200
0.28
1080
2,000
NRE-LX332M6.3V12.5x16F
3,300
0.30
1100
2,000
NRE-LX472M6.3V18x16F
4,700
0.32
1200
2,000
NRE-LX682M6.3V16x20F
6,800
0.36
1550
2,000
NRE-LX103M6.3V18x20F
10,000
0.44
1700
2,000
NRE-LX471M10V8x9F
470
10
0.22
380
2,000
NRE-LX681M10V10x9F
680
0.22
510
2,000
NRE-LX102M10V10x9F
1,000
0.22
550
2,000
NRE-LX222M10V12.5x16F
2,200
0.24
1080
2,000
NRE-LX332M10V16x16F
3,300
0.26
1120
2,000
NRE-LX472M10V16x20F
4,700
0.28
1550
2,000
NRE-LX682M10V18x20F
6,800
0.32
1650
2,000
NRE-LX103M10V18x25F
10,000
0.40
2150
2,000
NRE-LX331M16V8x9F
330
16
0.18
350
2,000
NRE-LX471M16V8x9F
470
0.18
380
2,000
NRE-LX681M16V10x9F
680
0.18
510
2,000
NRE-LX222M16V16x16F
2,200
0.20
1100
2,000
NRE-LX332M16V16x20F
3,300
0.22
1500
2,000
NRE-LX472M16V18x20F
4,700
0.24
1600
2,000
NRE-LX682M16V18x25F
6,800
0.28
2050
2,000
NRE-LX221M25V8x9F
220
25
0.16
320
2,000
NRE-LX331M25V10x9F
330
0.16
410
2,000
NRE-LX471M25V10x9F
470
0.16
460
2,000
NRE-LX681M25V12.5x16F
680
0.16
760
2,000
NRE-LX102M25V12.5x16F
1,000
0.16
940
2,000
NRE-LX222M25V16x20F
2,200
0.18
1400
2,000
NRE-LX332M25V18x20F
3,300
0.20
1550
2,000
NRE-LX472M25V18x25F
4,700
0.22
2000
2,000
NRE-LX151M35V8x9F
150
35
0.14
260
2,000
NRE-LX221M35V10x9F
220
0.14
360
2,000
NRE-LX331M35V10x9F
330
0.14
420
2,000
NRE-LX681M35V12.5x16F
680
0.14
760
2,000
NRE-LX102M35V16x16F
1,000
0.14
950
2,000
NRE-LX222M35V18x20F
2,200
0.16
1500
2,000
NRE-LX332M35V18x25F
3,300
0.18
1850
2,000
NRE-LX101M50V8x9F
100
50
0.12
240
2,000
NRE-LX151M50V10x9F
150
0.12
320
2,000
NRE-LX471M50V12.5x16F
470
0.12
700
2,000
NRE-LX681M50V16x16F
680
0.12
810
2,000
NRE-LX102M50V16x20F
1,000
0.12
1050
2,000
NRE-LX222M50V18x25F
2,200
0.14
1650
2,000
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
NRE-LX 151 M 50V 10X9 TB F...
RoHS Compliant
TB = Tape & Box*
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM
*see taping specifications for details
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRE-LX6R8M400V12.5x16F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-LX6R8M400V125x16F NIC-NRE-LX6R8M400V125x16F Datasheet
95Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-LX6R8M400V12.5x16F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com