Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTC-L336K20TRDF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NTC-L336K20TRDF
Description  Low ESR Tantalum Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTC-L336K20TRDF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NTC-L336K20TRDF Datasheet HTML 1Page - NIC-Components Corp. NTC-L336K20TRDF Datasheet HTML 2Page - NIC-Components Corp. NTC-L336K20TRDF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
FEATURES
• Low ESR and High Ripple Current Ratings
• Values from 10
μF to 470μF
• Suitable for Flow and Reflow Soldering Processes
• Available in EIA B, C and D Case Sizes
STANDARD RATINGS AND CASE SIZE
SPECIFICATIONS
NTC-L 106 K 16 TR B F
RoHS Compliant
Case Code
Packaging: TR=Tape/Reel
Voltage
Tolerance Code: K=±10%
Capacitance Code
Series
PART NUMBER SYSTEM
Low ESR Tantalum Chip Capacitors
NTC-L Series
Capacitance Range
10
μF to 470μF
Capacitance Tolerance
±10% (K)
Operating Temperature Range
-55°C ~ +125°C
(voltage derating above 85°C, see table below)
Dissipation Factor @ 120Hz/25°C
See Part Number & Specifications Table
Capacitance Change
Versus Temperature
-55°C
+85°C
+125°C
ΔC -10%
ΔC +10%
ΔC +12%
Soldering Heat Resistance
(+260°C for 5~10 sec.)
ΔC ±10% Max., Leakage Current and Dissipation
Factor will be less than value specified below.
Moisture Resistance
(500 hours; 90~95% RH @ 40°C
Load Life Test @at Rated Voltage
2,000 hours @ 85°C
Base Failure Rate (1.0
Ω/Volt)
1%/1000 hours at 60% confidence level (+85°C)
Rated Voltage @ 85°C
6.3Vdc
10Vdc
16Vdc
20Vdc
25Vdc
35Vdc
Surge Voltage @ 85°C
8
1320263245
Derated Voltage @125°C
4
6.3
10
13
16
22
Capacitance (
μF)
Code
Case Size
Case Size
Case Size
Case Size
Case Size
Case Size
10
106
--
B
C
-
D
15
156
-
B
-
CDD
22
226
B
CCDDD
33
336
CCDDD
-
47
476
CDDD
-
-
68
686
-D
D-
-
-
100
107
DDD
-
-
-
150
157
D
D
----
220
227
D
D
----
330
337
D
D
----
470
477
D
-
----
*See Part Number System for Details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
our
website at www.niccomp.com/tantpc
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NTC-L336K20TRDF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTC-L336K20TRDF NIC-NTC-L336K20TRDF Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
More results

Similar Description - NTC-L336K20TRDF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCR HITACHI-TMCR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
NIC-Components Corp.
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
Dubilier
SHJL DUBILIER-SHJL Datasheet
262Kb / 3P
   TANTALUM CHIP - LOW ESR
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
logo
Cornell Dubilier Electr...
T495D686K006AS CDE-T495D686K006AS Datasheet
251Kb / 3P
   Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com