Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCL Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NTCL
Description  Low ESR Tantalum Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTCL Datasheet(HTML) 3 Page - NIC-Components Corp.

  NTCL Datasheet HTML 1Page - NIC-Components Corp. NTCL Datasheet HTML 2Page - NIC-Components Corp. NTCL Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Low ESR Tantalum Chip Capacitors
NTC-L Series
TAPING SPECIFICATIONS (mm)
RECOMMENDED SOLDERING PROFILES
Note: To avoid thermal shock a preheating stage, 130°C ~ 160°C for 1 minute, should be incorporated into the soldering process
9.0 ± 0.3
2.0 ± 0.5
60.0 ± 0.5
21.0 ± 0.8
13.0 ± 0.5
60
40
20
0
220
210
200
190
260
250
240
230
Temperature (deg. C)
Reflow Soldering - Permitted
Temperature/Time Range
30
40
20
0
220
210
200
260
250
240
230
Temperature (deg. C)
Flow Soldering - Permitted
Temperature/Time Range
10
B Case
C & D
300
200
0
60
30
0
135
125
100
90
Time (Seconds)
Reflow Soldering - Recommended Profile
Maximum Temperature/Time: 260°C/10 Sec.
100
160
150
300
200
0
60
30
0
135
125
100
90
Time (Seconds)
Flow Soldering - Recommended Profile
Maximum Temperature/Time: 245°C/5 Sec.
100
160
150
5 Sec.
150
250
50
Case
Code
A
±0.1
B
±0.1
C
±03
D
±0.1
E
±0.1
F
±0.1
G
±0.1
H
±0.1
J
±0.1
K
max.
t
max.
Reel
Qty
B
3.1
3.8
8.0
3.5
1.75
4.0
2.0
4.0
1.5
2.5
0.2
2000
C
3.7
6.3
12.0
5.5
1.75
8.0
2.0
4.0
1.5
3.0
0.3
500
D
4.8
7.7
12.0
5.5
1.75
8.0
2.0
4.0
1.5
3.4
0.3
500
F
A
D
K
C
B
J
H
T
Cover tape
E
G
Anode


Similar Part No. - NTCL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
More results

Similar Description - NTCL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCR HITACHI-TMCR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
NIC-Components Corp.
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
Dubilier
SHJL DUBILIER-SHJL Datasheet
262Kb / 3P
   TANTALUM CHIP - LOW ESR
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
logo
Cornell Dubilier Electr...
T495D686K006AS CDE-T495D686K006AS Datasheet
251Kb / 3P
   Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com