Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPE-A271M35V10X10.5NLBYF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSPE-A271M35V10X10.5NLBYF
Description  Hybrid Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPE-A271M35V10X10.5NLBYF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSPE-A271M35V10X10.5NLBYF Datasheet HTML 1Page - NIC-Components Corp. NSPE-A271M35V10X10.5NLBYF Datasheet HTML 2Page - NIC-Components Corp. NSPE-A271M35V10X10.5NLBYF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NSPE-A 330 M 63V 8x10.5 N LB Y F
RoHS Compliant
LB=Sn-Bi Finish, 15" Reel
Reflow Temp. Code (N=+260°C)
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10µF
Series
PART NUMBER SYSTEM
Suitable for automotive equipment, sourced to special production
and inspection at TS-16949 certified production site
NSPE-A Series
Hybrid Aluminum Electrolytic Capacitors
DIMENSIONS (mm)
0.3mm max.
L
Case Size
Dφ ±0.5
L max.
A, B ±0.2
W
I ±0.2
P ±0.2
5X6.1
5
6.1
5.3
0.55 ~ 0.75
2.2
1.5
6.3X6.1
6.3
6.1
6.6
0.55 ~ 0.75
2.6
1.8
6.3X8
6.3
8.0
6.6
0.55 ~ 0.75
2.6
1.8
8X10.5
8.0
10.5
8.3
0.7 ~ 1.1
3.4
3.1
10X10.5
10
10.5
10.3
0.7 ~ 1.1
3.5
4.6
+
-
I
I
W
P
A
B
Part Marking
Series
Date Code
Voltage Code
Capacitane Code
E ZA
33
E
25V
V
35V
H
50V
J
63V
K
80V
RECOMMENDED REFLOW SOLDERING PROFILE*
Time Above 200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 190°C)
Peak Temperature
(see table)
260
230
Time Above 230°C
(see table)
Diameter
Time above
200°C
Time above
217°C
Time above
230°C
Duration at
Temperature
Peak
Temperature
Allowable
Reflow Passes
φ5 ~ 6.3mm
70 sec. max.
40 sec. max.
30 sec. max.
>250°C = 5 sec.
260°C
2
>250°C = 10 sec.
255°C
2
φ8 ~ 10mm
>250°C = 5 sec.
260°C
1
>240°C = 10 sec.
245°C
2
PEAK TEMPERATURE AND DURATION
For φ5 ~ 6.3mm diameter parts:
1. If peak temperature is +260°C the maximum time above +250°C is 5 seconds (maximum of two reflow passes).
2. If peak temperature is +255°C the maximum time above +250°C is 10 seconds (maximum of two reflow passes).
For φ8 ~ 10mm diameter parts:
1. If peak temperature is +260°C the maximum time above +250°C is 5 seconds (maximum of one reflow pass).
2. If peak temperature is +245°C the maximum time above +240°C is 10 seconds (maximum of two reflow passes).


Similar Part No. - NSPE-A271M35V10X10.5NLBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-A271M35V10X105NLBYF NIC-NSPE-A271M35V10X105NLBYF Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - NSPE-A271M35V10X10.5NLBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-TZ NIC-NSPE-TZ Datasheet
89Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPRT NIC-NSPRT Datasheet
111Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
NSPEHZ NIC-NSPEHZ Datasheet
120Kb / 4P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A_14 Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NIC-NSPE-T-ELKO NIC-NIC-NSPE-T-ELKO Datasheet
122Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-Z NIC-NSPE-Z Datasheet
90Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPRH NIC-NSPRH Datasheet
81Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
NSPRY NIC-NSPRY Datasheet
109Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
HZC CDE-HZC_17 Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com