Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRWPC Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRWPC
Description  Miniature Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWPC Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRWPC Datasheet HTML 1Page - NIC-Components Corp. NRWPC Datasheet HTML 2Page - NIC-Components Corp. NRWPC Datasheet HTML 3Page - NIC-Components Corp. NRWPC Datasheet HTML 4Page - NIC-Components Corp. NRWPC Datasheet HTML 5Page - NIC-Components Corp. NRWPC Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Taping Dimensions (mm)
SPECIAL STRAIGHT LEAD TAPING TBST*
Case Dia.
(D
φ)
5
6.3
8
Case Size
5x11
6.3x11
8x12
Dim.
d
φ ±0.05
0.5
0.5
0.6
H ±0.75
18.5
18.5
20.0
F +0.8 ~ -0.2
2.0
2.5
3.5
P ±1.0
12.7 ±0.2
P
0
12.7 ±0.2
P
1
5.1
5.1
4.6
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min.
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0
φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
* Parts with 4mm diameter are taped with a slight flare in the
lead and a 2.0mm lead-space.
Case Dia.
(D
φ)
5
Case Size
5x11
Dim.
d
φ ±0.05
0.5
H ±0.75
18.5
H0 ±0.5
-
F
2.5 -02 ~ +0.8
P
12.7 ±1.0
P
0
12.7 ±0.2
P1
5.1 ±0.5
P2
6.35 ±1.0
W
18.0 ±0.5
W0
11.5 min.
W1
9.0 ±0.5
W2
0 ~ 1.5
I
1.0 max.
D0φ
4.0 ±0.2
Δh
0 ±1.0
t
0.7 ±0.2
Taping Dimensions (mm)
P
2
P
∅D
P
1
w
2
w
0
w
1.0
P
0
F
S ∅D
0
∅d
W
H
1max
t
Δh
H0
1max
t
Δh
P
2
P
∅D
w
2
w
0
w
1.0
P
0
F
S ∅D
0
∅d
W
1
H
*Straight leads will extend from the based of the component to
the edge of the carrier. The section of lead below the adhesive
tape may be straight or formed.
Miniature Aluminum Electrolytic Capacitors
NRWPC Series


Similar Part No. - NRWPC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWPC100M160V8X12F NIC-NRWPC100M160V8X12F Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NRWPC100M200V10X12F NIC-NRWPC100M200V10X12F Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NRWPC101M160V16X25F NIC-NRWPC101M160V16X25F Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NRWPC121M160V16X25F NIC-NRWPC121M160V16X25F Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NRWPC150M160V10X12F NIC-NRWPC150M160V10X12F Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWPC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com