Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRE-H1R0M160V5X11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-H1R0M160V5X11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-H1R0M160V5X11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-H1R0M160V5X11F Datasheet HTML 1Page - NIC-Components Corp. NRE-H1R0M160V5X11F Datasheet HTML 2Page - NIC-Components Corp. NRE-H1R0M160V5X11F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
HIGH VOLTAGE, RADIAL LEADS, POLARIZED
FEATURES
• HIGH VOLTAGE (UP THROUGH 450VDC)
• NEW REDUCED SIZES
NRE-H Series
CHARACTERISTICS
LEAD SPACING & DIAMETER (mm)
STANDARD PRODUCT AND CASE SIZE TABLE Dφ x L (mm)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at
www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel:
tpmg@niccomp.com
Rated Voltage Range
160 ~ 450Vdc
Capacitance Range
0.47 ~ 330μF
Operating Temperature Range
-40 ~ +85°C: 160 ~ 250V or -25 ~ +85°C: 350 ~ 450V
Capacitance Tolerance
±20%(M)
Max. Leakage Current @ 20°C
after 2 minutes
CV < 1000μF = 0.03CV + 15μA
CV > 1000μF = 0.02CV + 25μA
Max. Tan δ @ 120Hz/20°C
W.V. (Vdc)
160
200
250
350
400
450
Tan δ
0.20
0.20
0.20
0.25
0.25
0.25
Low Temperature Stability
Inpedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
3
3
4
6
12
Z-40°C/Z+20°C
6
6
6
-
-
-
Load Life Test at Rated W.V.
+85°C 2,000 Hours
Capacitance Change
Within ±20% of initial measured value
Tan δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
85°C 1,000 Hours
No Load
Capacitance Change
Within ±20% of initial measured value
Tan δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Case Dia. (Dφ)
5
6.3
8
10
12.5
16
18
Lead Dia. (dφ)
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Dim. α
0.5
0.5
0.5
0.5
0.5
0.5
0.5
dim. β
1.5
1.5
1.5
1.5
1.5
2.0
2.0
Cap. (μF)
Code
Working Voltage (Vdc)
160
200
250
350
400
450
0.47
R47
5x11
5x11
5x11
6.3x11
6.3x11
-
1.0
1R0
5x11
5x11
5x11
6.3x11
8x11.5
8x12.5
2.2
2R2
6.3x11
6.3x11
6.3x11
8x11.5
8x11.5
10x16
3.3
3R3
6.3x11
6.3x11
8x11.5
8x12.5
10x12.5
10x20
4.7
4R7
6.3x11
8x11.5
8x11.5
10x12.5
10x16
12.5x20
10
100
8x11.5
8x12.5
10x12.5
10x16
10x20
12.5x25
22
220
10x12.5
10x16
10x20
12.5x20
12.5x25
16x25
33
330
10x20
10x20
12.5x20
12.5x25
16x25
16x30
47
470
12.5x20
12.5x20
12.5x25
16x25
16x30
18x35.5
68
680
12.5x20
12.5x25
16x25
16x35.5
16x35.5
18x41
82
820
12.5x25
-
16x30
18x30.5 18X35.5
-
100
101
12.5x25
16x25
16x30
18x35.5
18x41
-
150
151
16x30
16x35.5
18x35.5
-
-
-
220
221
16x36
18x35.5
18x41
-
-
-
330
331
18x41
-
-
-
-
-
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
dφ ± 0.05
Sleeve
F ± 0.5
Dφ ± α
4mm
Min.
15mm Min.
L + β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRE-H1R0M160V5X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-H1R0M160V5X11F NIC-NRE-H1R0M160V5X11F Datasheet
217Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-H1R0M160V5X11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com