Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3363-01 Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SK3363-01
Description  N-CHANNEL SILICON POWER MOS-FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3363-01 Datasheet(HTML) 1 Page - Fuji Electric

  2SK3363-01 Datasheet HTML 1Page - Fuji Electric 2SK3363-01 Datasheet HTML 2Page - Fuji Electric 2SK3363-01 Datasheet HTML 3Page - Fuji Electric 2SK3363-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Item
Symbol
Rating
Unit
Drain-source voltage
VDS
30
Continuous drain current
ID
±50
Pulsed drain current
ID(puls]
±200
Gate-source voltage
VGS
±16
Maximum Avalanche Energy
EAV*1
1735
Max. power dissipation
PD
80
Operating and storage
Tch
+150
temperature range
Tstg
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK3363-01
FUJI POWER MOS-FET
N-CHANNEL SILICON POWER MOS-FET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Equivalent circuit schematic
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Gate(G)
Source(S)
Drain(D)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=30V
VGS=±16V
ID=50A
VGS=4V
ID=50A
VGS=10V
ID=50A
VDS=25V
VCC=15V ID=100A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
mA
nA
m
S
pF
A
V
ns
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
1.56
75.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID=1mA
VGS=0V
ID=1mA
VDS=VGS
Tch=25°C
VGS=0V
Tch=125°C
VDS=0V
VDS=25V
VGS=0V
f=1MHz
L=100µH Tch=25°C
IF=50A VGS=0V Tch=25°C
IF=50A VGS=0V
-di/dt=100A/µs
Tch=25°C
V
A
A
V
mJ
W
°C
°C
*1 L=0.925mH, Vcc=12V
30
1.0
1.5
2.0
10
500
0.2
1.0
10
100
8.0
10. 5
5.3
6.8
35
70
3900
5850
2000
3000
850
1280
17
30
70
110
250
380
180
270
50
1.0
1.5
65
0.12
-55 to +150
TO-220AB
3. Source


Similar Part No. - 2SK3363-01

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3363 ISC-2SK3363 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3363-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1221 FUJI-2SK1221 Datasheet
134Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK2907-01R FUJI-2SK2907-01R Datasheet
100Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3262-01MR FUJI-2SK3262-01MR Datasheet
138Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3339-01 FUJI-2SK3339-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3340-01 FUJI-2SK3340-01 Datasheet
85Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK902 FUJI-2SK902 Datasheet
131Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1099 ETC-2SK1099 Datasheet
60Kb / 1P
   N-CHANNEL SILICON POWER MOS-FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com