Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HT0909-30A Datasheet(PDF) 4 Page - RFHIC

Part No. HT0909-30A
Description  GaN Hybrid Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

HT0909-30A Datasheet(HTML) 4 Page - RFHIC

  HT0909-30A Datasheet HTML 1Page - RFHIC HT0909-30A Datasheet HTML 2Page - RFHIC HT0909-30A Datasheet HTML 3Page - RFHIC HT0909-30A Datasheet HTML 4Page - RFHIC HT0909-30A Datasheet HTML 5Page - RFHIC HT0909-30A Datasheet HTML 6Page - RFHIC HT0909-30A Datasheet HTML 7Page - RFHIC HT0909-30A Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GaN Hybrid Power Amplifier
HT0909-30A
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 8
Version 1.0
Performance Charts
* Bias condition @ Idq1= 110mA, Idq2= 130mA, Vds= 28V, Ta=25℃
Power Gain vs. Frequency
Psat vs. Frequency
33
34
35
36
37
38
39
920
930
940
950
960
Frequency[MHz]
Power Gain
@Pout=37dBm
42
43
44
45
46
47
920
930
940
950
960
Frequency[GHz]
Psat @Pulse Width
50us (Duty 10%)
ACLR vs. Frequency
Drain Efficiency vs. Frequency
-44
-42
-40
-38
-36
-34
-32
-30
-28
920
930
940
950
960
Frequency[GHz]
ACLR_L
@Pout=37dBm
ACLR_U
@Pout=37dBm
22
24
26
28
30
32
920
930
940
950
960
Frequency[GHz]
Drain Efficiency
@Pout=37dBm
Ids1 vs Ids2 vs. Frequency
Total Ids vs. Frequency
100
200
300
400
500
600
700
800
900
50
60
70
80
90
100
110
120
130
920
930
940
950
960
Output Power[dBm]
Ids1
Ids2
540
560
580
600
620
640
660
680
920
930
940
950
960
Frequency[GHz]
Total Ids
@Pout=37dBm


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn