Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HT0909-30A Datasheet(PDF) 3 Page - RFHIC

Part No. HT0909-30A
Description  GaN Hybrid Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

HT0909-30A Datasheet(HTML) 3 Page - RFHIC

  HT0909-30A Datasheet HTML 1Page - RFHIC HT0909-30A Datasheet HTML 2Page - RFHIC HT0909-30A Datasheet HTML 3Page - RFHIC HT0909-30A Datasheet HTML 4Page - RFHIC HT0909-30A Datasheet HTML 5Page - RFHIC HT0909-30A Datasheet HTML 6Page - RFHIC HT0909-30A Datasheet HTML 7Page - RFHIC HT0909-30A Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GaN Hybrid Power Amplifier
HT0909-30A
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 8
Version 1.0
Application Circuit
Part List
Location
Model No.
Spec.
Maker
C6, C8
TAJD106M050R
10uF / 50V
AVX
C1, C3
TAJA475M016R
4.7uF / 16V
AVX
C5, C7
GRM32ER72A225KA35L
2.2uF/100V
MURATA
C2, C4,
GRM1885C1H104BA01D
100nF
MURATA
Evaluation Board
RO4350B
2Layer, 30mil
ROGERS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn