Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFW2500H10-28 Datasheet(PDF) 2 Page - RFHIC

Part # RFW2500H10-28
Description  Wideband Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RFW2500H10-28 Datasheet(HTML) 2 Page - RFHIC

  RFW2500H10-28_14 Datasheet HTML 1Page - RFHIC RFW2500H10-28_14 Datasheet HTML 2Page - RFHIC RFW2500H10-28_14 Datasheet HTML 3Page - RFHIC RFW2500H10-28_14 Datasheet HTML 4Page - RFHIC RFW2500H10-28_14 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wideband Power Amplifier
RFW2500H10-28
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 6.4
Environmental Characteristics
PARAMETER
UNIT
MIN
TYP
MAX
Operating Temperature
°C
-20
-
60
Storage Temperature
°C
-40
-
105
Vibration
MIL-STD-810G Method 514.6 ANNEX C
Ordering Information
Part Number
Package
RFW2500H10-28
Pallet
RFW2500H10-28-H
Module assembled with RFW2500H10-28
* RFW2500H10-28-H is a SMA connectorized housing version of RFW2500H10-28.
Electrical parameters are all same as RFW2500H10-28.
For more information, please contact RFHIC
Typical Performance @ 25°C
Frequency
P1dB
P3dB
Current@P1dB
Current@P3
2nd Harm@30dBm
Gain
OIP3@30dBm/Tone
(MHz)
(dBm)
(dBm)
(A)
(A)
(dBc)
(dB)
(dBm)
20
37.84
37.88
0.76
0.67
-41.72
18.024
51.68
250
39.2
39.14
0.71
0.63
-35.97
17.539
51.65
500
37.75
39.23
0.8
0.97
-28.77
17.691
46.61
750
38.49
39.51
0.81
0.93
-30.5
18.209
45.54
1000
37.75
38.96
0.7
1.07
-34.67
18.699
41.69
1250
35.28
39.09
0.78
1.12
-36.49
18.715
43.2
1500
33.14
35.43
0.75
0.89
-34.94
18.062
40.33
1750
33.09
35.65
0.75
0.92
-46.57
16.715
40.76
2000
34.09
37.3
0.75
1.01
-55.09
15.198
41.28
2250
35.06
37.72
0.74
0.95
-55.82
15.261
42.21
2500
36.99
38.52
0.65
0.75
-49.46
15.446
40.82


Similar Part No. - RFW2500H10-28_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
   Wideband Power Amplifier
More results

Similar Description - RFW2500H10-28_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
RWP15020-50 RFHIC-RWP15020-50_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03060-10 RFHIC-RWP03060-10_17 Datasheet
854Kb / 5P
   Wideband Power Amplifier
RWP05020-10 RFHIC-RWP05020-10_17 Datasheet
1Mb / 7P
   Wideband Power Amplifier
RWP03160-10 RFHIC-RWP03160-10_17 Datasheet
863Kb / 5P
   Wideband Power Amplifier
RWP06040-G1 RFHIC-RWP06040-G1 Datasheet
363Kb / 5P
   Wideband Power Amplifier
RFW2500H10-28 RFHIC-RFW2500H10-28 Datasheet
227Kb / 3P
   Wideband Power Amplifier
RWP05040-10 RFHIC-RWP05040-10 Datasheet
444Kb / 6P
   Wideband Power Amplifier
RWP15100-R0 RFHIC-RWP15100-R0 Datasheet
1Mb / 9P
   Wideband Power Amplifier
logo
Analog Devices
ADPA7001CHIPS AD-ADPA7001CHIPS Datasheet
573Kb / 18P
   Wideband Power Amplifier
logo
RFHIC
RUM43020-10 RFHIC-RUM43020-10 Datasheet
208Kb / 7P
   Wideband Power Amplifier
RWP03040-10 RFHIC-RWP03040-10_14 Datasheet
757Kb / 6P
   Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com