Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNP21040-50 Datasheet(PDF) 3 Page - RFHIC

Part # RNP21040-50
Description  Narrowband Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RNP21040-50 Datasheet(HTML) 3 Page - RFHIC

  RNP21040-50 Datasheet HTML 1Page - RFHIC RNP21040-50 Datasheet HTML 2Page - RFHIC RNP21040-50 Datasheet HTML 3Page - RFHIC RNP21040-50 Datasheet HTML 4Page - RFHIC RNP21040-50 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Narrowband Power Amplifier
RNP21040-50
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 5
Version 1.0
Precautions
1. This product is designed to be used for Narrowband amplification.
Heat generation is higher when there is no RF signal in the device. Therefore, the worst case scenario is when there is no RF
signal, and the amplifier is “on” with current draw. The temperature must be calculated properly.
Case temperature must maintain below 85°C.
2. Thermal Grease or Metal Thermal Interface Materials are recommended for heat dissipation.
An example would be spreading thermal grease on the bottom of the device.


Similar Part No. - RNP21040-50

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RNP20S DBLECTRO-RNP20S Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
RNP20SAR1J000 DBLECTRO-RNP20SAR1J000 Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
RNP20SC101F010 DBLECTRO-RNP20SC101F010 Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
RNP20SC221F000 DBLECTRO-RNP20SC221F000 Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
RNP20SC500F000 DBLECTRO-RNP20SC500F000 Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
More results

Similar Description - RNP21040-50

ManufacturerPart #DatasheetDescription
logo
RFHIC
RNP19040-50 RFHIC-RNP19040-50 Datasheet
256Kb / 5P
   Narrowband Power Amplifier
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
   Low Power Narrowband FM IF
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
   LOW POWER NARROWBAND FM IF
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
   Low Power Narrowband FM IF
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
1Mb / 19P
   Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
   Low Power Narrowband FM IF
logo
Texas Instruments
OPA521 TI1-OPA521 Datasheet
323Kb / 22P
[Old version datasheet]   Narrowband Power Line Communications Line Driver
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com