Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRM9395200-56 Datasheet(PDF) 1 Page - RFHIC

Part # RRM9395200-56
Description  Pulse Amp Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RRM9395200-56 Datasheet(HTML) 1 Page - RFHIC

  RRM9395200-56 Datasheet HTML 1Page - RFHIC RRM9395200-56 Datasheet HTML 2Page - RFHIC RRM9395200-56 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary
Pulse Amp Module
RRM9395200-56
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 3
Version 0.1
Product Features
Applications
• Frequency from 9.3 ~ 9.5GHz
• GaN HEMT
• 50 Ohm Input/Output impedance
• High efficiency
• Radar system
Description
The RRM9395200-56 is designed for Radar system application frequencies from 9.3 ~ 9.5GHz.
This module uses GaN HEMT technology which performs high breakdown voltage, wide bandwidth and high efficiency.
Electrical Specifications @ VDS =50V, T=25C, 50 System
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Operating Frequency
MHz
9300
-
9500
fO
Operating Bandwidth
MHz
-
200
-
BW
Output Pulse Power
W
-
200
-
PO
Input Pulse Power
dBm
-
-3
-
PI
Power Gain
dB
-
56
-
GP
Gain Flatness
dB
-
0.5
1
∆GP
Duty Cycle
%
-
10
-
DC
Pulse Width
us
-
100
-
PW
Efficiency
%
-
20
-
Eff
Amplitude Pulse Droop
dB
-
0.5
1.0
Droop
Harmonics 1 to N
dBc
-
60
-
HN
Spurious Level
dBc
-
60
-
Spur
Rise Time
ns
-
-
50
tr
Fall Time
ns
-
-
50
tf
Off State Isolation
dBc
-100
-
-
Off Iso
Input VSWR
dB
-
-
2:1
VSWR
Output VSWR
dB
-
-
2:1
VSWR
Switching Time
ns
-
250
300
tSW
Phase Deviation
˚
-20
-
20
∆φ
 Test Pulse conditions = 100us, 10%
Custom design available


Similar Part No. - RRM9395200-56

ManufacturerPart #DatasheetDescription
logo
RFHIC
RRM9395200-56 RFHIC-RRM9395200-56 Datasheet
524Kb / 4P
   Pulse Amp Module
RRM9395200-56 RFHIC-RRM9395200-56_15 Datasheet
524Kb / 4P
   Pulse Amp Module
More results

Similar Description - RRM9395200-56

ManufacturerPart #DatasheetDescription
logo
RFHIC
RRP2735200-30 RFHIC-RRP2735200-30 Datasheet
497Kb / 5P
   Pulse Amp Module
RRP29280-10 RFHIC-RRP29280-10 Datasheet
340Kb / 4P
   Pulse Amp Module
RRP131K0-10 RFHIC-RRP131K0-10 Datasheet
224Kb / 4P
   Pulse Amp Module
RRP33100-10 RFHIC-RRP33100-10 Datasheet
425Kb / 5P
   Pulse Amp Module
RRP13330-10 RFHIC-RRP13330-10 Datasheet
316Kb / 4P
   Pulse Amp Module
RRP162168100-08A RFHIC-RRP162168100-08A Datasheet
342Kb / 5P
   Pulse Amp Module
RRP33080-10 RFHIC-RRP33080-10 Datasheet
346Kb / 4P
   Pulse Amp Module
RRP29080-10 RFHIC-RRP29080-10 Datasheet
340Kb / 4P
   Pulse Amp Module
RRP03250-10 RFHIC-RRP03250-10 Datasheet
134Kb / 5P
   Pulse Amp Module
RRP2933300-HR RFHIC-RRP2933300-HR Datasheet
379Kb / 5P
   Pulse Amp Module
RRP33280-10 RFHIC-RRP33280-10 Datasheet
340Kb / 4P
   Pulse Amp Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com