Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTH20007-10 Datasheet(PDF) 4 Page - RFHIC

Part # RTH20007-10
Description  GaN Doherty Hybrid Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTH20007-10 Datasheet(HTML) 4 Page - RFHIC

  RTH20007-10 Datasheet HTML 1Page - RFHIC RTH20007-10 Datasheet HTML 2Page - RFHIC RTH20007-10 Datasheet HTML 3Page - RFHIC RTH20007-10 Datasheet HTML 4Page - RFHIC RTH20007-10 Datasheet HTML 5Page - RFHIC RTH20007-10 Datasheet HTML 6Page - RFHIC RTH20007-10 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaN Doherty Hybrid Amplifier
RTH20007-10
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 7
Version 1.0
Performance Charts
* Bias condition @ Carrier Idq= 160mA, Vgp= 4.8V, Ta=25℃
Power Gain vs. Frequency
Psat vs. Frequency
12
13
14
15
16
17
18
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency[GHz]
Power Gain
@Pout=38.5dBm
44
45
46
47
48
49
50
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency[GHz]
Psat @Pulse Width
20us (Duty 10%)
ACLR vs. Frequency
Drain Efficiency vs. Frequency
-35
-33
-31
-29
-27
-25
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency[GHz]
ACLR @LTE
10MHz(w/o DPD)
38
40
42
44
46
48
50
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency[GHz]
Efficiency
ACLR with Digital Predistortion
Ids vs. Frequency
-70
-60
-50
-40
-30
-20
-10
0
10
20
1935
1943
1952
1960
1968
1977
1985
Frequency[MHz]
w/o DPD
w DPD
*DPD Engine: Optichron OP6180
450
470
490
510
530
550
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency[GHz]
Ids
@Pout=38.5dBm
-


Similar Part No. - RTH20007-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTH21007-10 RFHIC-RTH21007-10 Datasheet
327Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH21008R RFHIC-RTH21008R Datasheet
482Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH21008S-30 RFHIC-RTH21008S-30 Datasheet
806Kb / 8P
   GaN Doherty Hybrid Amplifier
logo
Microsemi Corporation
RTH22 MICROSEMI-RTH22 Datasheet
193Kb / 4P
   SENSISTORS
RTH22 MICROSEMI-RTH22 Datasheet
189Kb / 4P
   POSITIVE TEMPERATURE COEFFICIENT SILICON THERMISTORS
More results

Similar Description - RTH20007-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RPAM35008-25 RFHIC-RPAM35008-25 Datasheet
456Kb / 5P
   GaN Doherty Hybrid Amplifier
RTH36004N-24 RFHIC-RTH36004N-24 Datasheet
1Mb / 9P
   GaN Doherty Hybrid Amplifier
RTH35003-20D RFHIC-RTH35003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH07003-20D RFHIC-RTH07003-20D Datasheet
581Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18007-10 RFHIC-RTH18007-10 Datasheet
330Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH23007-10 RFHIC-RTH23007-10 Datasheet
295Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH36016M-23 RFHIC-RTH36016M-23 Datasheet
730Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH08003-20D RFHIC-RTH08003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18008R RFHIC-RTH18008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH18008S-30 RFHIC-RTH18008S-30 Datasheet
787Kb / 8P
   GaN Doherty Hybrid Amplifier
RTH19008R RFHIC-RTH19008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com