Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3216-01 Datasheet(PDF) 4 Page - Fuji Electric

Part # 2SK3216-01
Description  N-CHANNEL SILICON POWER MOS-FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3216-01 Datasheet(HTML) 4 Page - Fuji Electric

  2SK3216-01 Datasheet HTML 1Page - Fuji Electric 2SK3216-01 Datasheet HTML 2Page - Fuji Electric 2SK3216-01 Datasheet HTML 3Page - Fuji Electric 2SK3216-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
2SK3216-01
FUJI POWER MOSFET
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
Maximum Avalanche Current vs. starting Tch
I(AV)=f(starting Tch),Non Repetitive
Starting Tch [°C]
0
25
50
75
100
125
150
0
100
200
300
400
500
600
Maximum Avalanche energy vs. starting Tch
Eas=f(starting Tch):Vcc=24V,I
AV<=50A,Non-Repetitive
Starting Tch [°C]
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
-3
10
-2
10
-1
10
0
10
1
Transient Thermal Impedance
Zth(ch-c)=f(t):D=t/T
0
0.01
0.02
0.05
0.1
0.2
D=0.5
t [sec]
t
T
D=
t
T


Similar Part No. - 2SK3216-01

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3216 ISC-2SK3216 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3216-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1221 FUJI-2SK1221 Datasheet
134Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK2907-01R FUJI-2SK2907-01R Datasheet
100Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3262-01MR FUJI-2SK3262-01MR Datasheet
138Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3339-01 FUJI-2SK3339-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3340-01 FUJI-2SK3340-01 Datasheet
85Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK902 FUJI-2SK902 Datasheet
131Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1099 ETC-2SK1099 Datasheet
60Kb / 1P
   N-CHANNEL SILICON POWER MOS-FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com