Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2908-01L Datasheet(PDF) 1 Page - Fuji Electric

Part No. 2SK2908-01L
Description  N-channel MOS-FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

2SK2908-01L Datasheet(HTML) 1 Page - Fuji Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK2908-01L,S
N-channel MOS-FET
FAP-IIIB Series
600V
1,2Ω
±9A
60W
> Features
> Outline Drawing
-
High Current
-
Low On-Resistance
-
No Secondary Breakdown
-
Low Driving Power
-
Avalanche Rated
> Applications
-
Motor Control
-
General Purpose Power Amplifier
-
DC-DC converters
> Maximum Ratings and Characteristics
-
Absolute Maximum Ratings (TC=25°C), unless otherwise specified
Item
Symbol
Rating
Unit
Drain-Source-Voltage
V DS
600
V
Continous Drain Current
I D
±9
A
Pulsed Drain Current
I D(puls)
±32
A
Gate-Source-Voltage
V GS
±35
V
Repetitive or non-repetitive
I AR
9
V
Maximum Avalanche Energy
E AV
144.4
mJ*
Max. Power Dissipation
P D
60
W
Operating and Storage Temperature Range
T ch
150
°C
T stg
-55 ~ +150
°C
L=3.27mH,Vcc=60V
-
Electrical Characteristics (TC=25°C), unless otherwise specified
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown-Voltage
BV DSS
ID=1mA
VGS=0V
600
V
Gate Threshhold Voltage
V GS(th)
ID=1mA
VDS=VGS
3,5
4,0
4,5
V
Zero Gate Voltage Drain Current
I DSS
VDS=600V
Tch=25°C
10
500
µA
I DSS
VGS=0V
Tch=125°C
0,2
1,0
mA
Gate Source Leakage Current
I GSS
VGS=±35V
VDS=0V
10
100
nA
Drain Source On-State Resistance
R DS(on)
ID=4,5A
VGS=10V
1,0
1,2
ID=4,5A
VGS=10V
1,0
1,2
Forward Transconductance
g fs
ID=4,5A
VDS=25V
2,5
5
S
Input Capacitance
C iss
VDS=25V
900
1400
pF
Output Capacitance
C oss
VGS=0V
150
230
pF
Reverse Transfer Capacitance
C rss
70
110
pF
Turn-On-Time ton (ton=td(on)+tr)
t d(on)
VCC=300V
25
40
ns
t r
70
110
ns
Turn-Off-Time toff (ton=td(off)+tf)
t d(off)
60
90
ns
t f
RGS=10 Ω
35
60
ns
Avalanche Capability
I AV
L = 3,27mH
Tch=25°C
9
A
Diode Forward On-Voltage
V SD
IF=2 X IDR VGS=0V Tch=25°C
1,0
1,50
V
Reverse Recovery Time
t rr
IF=IDR VGS=0V
550
ns
Reverse Recovery Charge
Q rr
-dIF/dt=100A/µs Tch=25°C
7,0
µC
-
Thermal Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance
R th(ch-c)
channel to case
2,08
°C/W
R th(ch-a)
channel to ambient
75,0
°C/W
VGS=10V
ID=9A
f=1MHz


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1082-01N-Channel Silicon Power MOS-FET 1 2 3 Fuji Electric
2SK1821-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK1986-01N-channel MOS-FET 1 2 Fuji Electric
2SK2071-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2248-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2469-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK2638-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK2688-01N-channel MOS-FET 1 2 3 Fuji Electric
2SK2765-01N-channel MOS-FET 1 2 Fuji Electric
2SK2876-01MRN-channel MOS-FET 1 2 3 Fuji Electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn