Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2908-01L Datasheet(PDF) 3 Page - Fuji Electric

Part No. 2SK2908-01L
Description  N-channel MOS-FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

2SK2908-01L Datasheet(HTML) 3 Page - Fuji Electric

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
N-channel MOS-FET
2SK2908-01L,S
600V
1,2Ω
±9A
60W
FAP-IIIB Series
> Characteristics
This specification is subject to change without notice!
Power Dissipation
PD=f(TC)
0
25
50
75
100
125
0
25
50
75
100
125
150
TC [°C]
Maximum Avalanche Current vs. starting Tch
IAV=f(starting Tch)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
starting Tch [°C]


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1082-01N-Channel Silicon Power MOS-FET 1 2 3 Fuji Electric
2SK1821-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK1986-01N-channel MOS-FET 1 2 Fuji Electric
2SK2071-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2248-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2469-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK2638-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK2688-01N-channel MOS-FET 1 2 3 Fuji Electric
2SK2765-01N-channel MOS-FET 1 2 Fuji Electric
2SK2876-01MRN-channel MOS-FET 1 2 3 Fuji Electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn