Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2908-01L Datasheet(PDF) 2 Page - Fuji Electric

Part No. 2SK2908-01L
Description  N-channel MOS-FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

2SK2908-01L Datasheet(HTML) 2 Page - Fuji Electric

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-channel MOS-FET
2SK2908-01L,S
600V
1,2Ω
±9A
60W
FAP-IIIB Series
> Characteristics
Typical Output Characteristics
Drain-Source On-State Resistance vs. Tch
Typical Transfer Characteristics
ID=f(VDS); 80µs pulse test; TC=25°C
RDS(on) = f(Tch); ID=4,5A; VGS=10V
ID=f(VGS); 80µs pulse test; VDS=25V; Tch=25°C
1
2
3
VDS [V]
Tch [°C]
VGS [V]
Typical Drain-Source On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
RDS(on)=f(ID); 80µs pulse test; TC=25°C
gfs=f(ID); 80µs pulse test; VDS=25V; Tch=25°C
VGS(th)=f(Tch); ID=1mA; VDS=VGS
4
5
6
ID [A]
ID [A]
Tch [°C]
Typical Capacitances vs. VDS
Typical Gate Charge Characteristic
Forward Characteristics of Reverse Diode
C=f(VDS); VGS=0V; f=1MHz
VGS=f(Qg); ID=9A; TC=25°C
IF=f(VSD); 80µs pulse test;VGS=0V
7
8
9
VDS [V]
Qg [nC]
VSD [V]
Maximum Avalanche Energy vs. starting Tch
Safe Operation Area
Eas=f(starting Tch): VCC=60V; IAV ≤9A
ID=f(VDS): D=0,01, Tc=25°C
Transient Thermal impedance
10
12
Zthch=f(t) parameter:D=t/T
starting Tch [°C]
VDS [V]
t [s]
This specification is subject to change without notice!


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1082-01N-Channel Silicon Power MOS-FET 1 2 3 Fuji Electric
2SK1821-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK1986-01N-channel MOS-FET 1 2 Fuji Electric
2SK2071-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2248-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2469-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK2638-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK2688-01N-channel MOS-FET 1 2 3 Fuji Electric
2SK2765-01N-channel MOS-FET 1 2 Fuji Electric
2SK2876-01MRN-channel MOS-FET 1 2 3 Fuji Electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn