Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZH431 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZH431
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZH431 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZH431 Datasheet HTML 1Page - Diodes Incorporated ZH431 Datasheet HTML 2Page - Diodes Incorporated ZH431 Datasheet HTML 3Page - Diodes Incorporated ZH431 Datasheet HTML 4Page - Diodes Incorporated ZH431 Datasheet HTML 5Page - Diodes Incorporated ZH431 Datasheet HTML 6Page - Diodes Incorporated ZH431 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZH431
ABSOLUTE MAXIMUM RATING
Cathode Voltage (VZ)
40V
Cathode Current
50mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Recommended Operating Conditions
Min
Max
Cathode Voltage
Vref
36V
Cathode Current
50
µA 30mA
Power Dissipation (Tamb=25°C, Tjmax=150°C)
SOT23
330mW
TO92
780mW
SOT223
2W
SO8
780mW
SOT89
1.5W
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise
stated):Tamb=25°C
PARAMETER
SYMBOL
VALUE
UNITS CONDITIONS
MIN
TYP MAX
Reference Voltage
2%
1%
Vref
2.45
2.475
2.50
2.50
2.55
2.525
VIL=10mA (Fig1), VZ=Vref
Deviation of Reference
Input Voltage over
Temperature
Vdev
8.0
17
mV
IL=10mA, VZ=Vref
Ta=full range (Fig1)
Ratio of the change in
Reference Voltage to the
Change in Cathode
Voltage
∆Vref
∆VZ
-0.7
-2.7
mV/V
VZ from Vref to 10V
IZ=10mA (Fig2)
-0.6
-2.0
mV/V
VZ from 10V to 36V
IZ=10mA (Fig2)
Reference Input Current
Iref
0.15 1.0
µA
R1=10k, R2=O/C, lL=10mA (Fig2)
Deviation of Reference
Input Current over
Temperature
Iref
0.06 0.2
µA
R1=10k, R2=O/C, IL=10mA
Ta=full range (Fig2)
Minimum Cathode
Current for Regulation
IZmin
21
50
µA
VZ=Vref (Fig1)
Dynamic Output Impedance RZ
0.75
VZ=Vref (Fig1), f=0Hz
Deviation of reference input voltage, Vdev, is defined as the maximum variation of the reference
input voltage over the full temperature range.
The average temperature coefficient of the reference input voltage, Vref is defined as:
Vref
(ppm
⁄ °C)=
Vdev x 1000000
Vref
(T1−T2)
The dynamic output impedance, Rz, is defined as:
RZ
=
∆VZ
∆IZ
When the device is programmed with two external
resistors, R1 and R2, (fig 2) , the dynamic output
impedance of the overall circuit, R’, is defined as:
R
=Rz (1+
R1
R2
)
Vmax
Vmin
T1
T2
Vdev = Vmax - Vmin
Temperature
4-16
Not Recommended for New Design
Please Use ZR431


Similar Part No. - ZH431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431C01 ETC-ZH431C01 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431C02 ETC-ZH431C02 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431F01 ETC-ZH431F01 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431F02 ETC-ZH431F02 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - ZH431

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com