Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLT-HPL905-50 Datasheet(PDF) 1 Page - Rochester Electronics

Part # RLT-HPL905-50
Description  HIGH POWER PULSED LASER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

RLT-HPL905-50 Datasheet(HTML) 1 Page - Rochester Electronics

  RLT-HPL905-50 Datasheet HTML 1Page - Rochester Electronics RLT-HPL905-50 Datasheet HTML 2Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10.08.2010
rlt_hpl905_50.doc
1 of 2
Type
RLT-HPL905-50
Unit
Centre Wavelength
905
Nm
Wavelength Range
+/-10
Nm
Peak Forward Current
50
A
Peak Output Power
50
W
Pulse Width Max.
50~100
Ns
Duty Factor
0.05
%
Peak Forward Voltage
50
V
Beam Divergence FWHM
10x40
Degree
Source Size
400x6
μm
Number of Diode Element
3
Package
TO 9mm package


Similar Part No. - RLT-HPL905-50

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT-HPL905-50 ROITHNER-RLT-HPL905-50 Datasheet
94Kb / 2P
   HIGH POWER PULSED LASER DIODES
More results

Similar Description - RLT-HPL905-50

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT-HPL905-50 ROITHNER-RLT-HPL905-50 Datasheet
94Kb / 2P
   HIGH POWER PULSED LASER DIODES
logo
M/A-COM Technology Solu...
CVD46-TO18C MA-COM-CVD46-TO18C Datasheet
227Kb / 2P
   High Power Pulsed Laser Diodes
logo
Roithner LaserTechnik G...
LDMP-0905 ROITHNER-LDMP-0905 Datasheet
158Kb / 3P
   LDMP- SERIES HIGH POWER PULSED LASER DIODES
LDMP-0905-50W-93 ROITHNER-LDMP-0905-50W-93 Datasheet
158Kb / 3P
   LDMP- SERIES HIGH POWER PULSED LASER DIODES.
LDMP-0905-20W-51 ROITHNER-LDMP-0905-20W-51 Datasheet
158Kb / 3P
   LDMP- SERIES HIGH POWER PULSED LASER DIODES
logo
M/A-COM Technology Solu...
CVL2S57-TO18C MA-COM-CVL2S57-TO18C Datasheet
227Kb / 2P
   1550nm Pulsed Laser Diodes
logo
Hamamatsu Corporation
L7055-04 HAMAMATSU-L7055-04 Datasheet
92Kb / 2P
   HIGH-POWER INFRARED PULSED LASER DIODE
L7060-02 HAMAMATSU-L7060-02 Datasheet
93Kb / 2P
   HIGH-POWER INFRARED PULSED LASER DIODE
L6690-53 HAMAMATSU-L6690-53_15 Datasheet
1Mb / 2P
   PULSED LASER DIODE
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com