Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMC20 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZMC20
Description  Current Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMC20 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZMC20 Datasheet HTML 1Page - Diodes Incorporated ZMC20 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Issue
2 - July 2006
www.zetex.com
© Zetex Semiconductors plc 2006
Current
Sensor
FEATURES
Package : mod. DIL-14
A magnetic sensor chip (employing
the
magnetoresistive effect of thin film permalloy)
measures the magnetic field generated by an
internal current-carrying conductor
measurable direct or alternating current IM up to
20A
supply voltage 12 V
no auxiliary field HX required
it’s possible to overload the conductor (between
pin’s 8,9,10 and 11,12,13) with 300A for 10 ms
at Tamb = 20 °C
package : modified DIL-14
1, 2, 7: not connected 3: +VO 4: -VB 5: -VO 6: +VB 8, 9, 10: current output 11, 12, 13: current input
VO - output voltage VB - supply voltage
ZMC20
Issue 2 - July 2006


Similar Part No. - ZMC20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC20 ZETEX-ZMC20 Datasheet
18Kb / 2P
   Current Sensor
logo
Diotec Semiconductor
ZMC20 DIOTEC-ZMC20 Datasheet
50Kb / 2P
   Surface mount Zener Diodes
logo
Zetex Semiconductors
ZMC20 ZETEX-ZMC20 Datasheet
230Kb / 2P
   Current Sensor
logo
Diotec Semiconductor
ZMC20 DIOTEC-ZMC20 Datasheet
93Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMC20 DIOTEC-ZMC20 Datasheet
91Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMC20

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
   Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
   Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
   Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
   CURRENT SENSOR
02/19/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com